Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL1112 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PL1112
Description  Low Power Through-Hole Transformers, Single Primary, Input 115 V Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL1112 Datasheet(HTML) 1 Page - Vishay Siliconix

  PL1112 Datasheet HTML 1Page - Vishay Siliconix PL1112 Datasheet HTML 2Page - Vishay Siliconix PL1112 Datasheet HTML 3Page - Vishay Siliconix PL1112 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PL-11, PL-12, PL-13, PL-14, PL-32, PL-33, PL-34
www.vishay.com
Vishay Dale
Revision: 06-Dec-11
1
Document Number: 34071
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Power Through-Hole Transformers, Single Primary, Input 115 V
Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
ELECTRICAL SPECIFICATIONS
Input Voltage: 115 V, 60 Hz
Output Power Rating:
PL-11 = 0.75 VA
PL-12, PL-32 = 1.50 VA
PL-13, PL-33 = 4.50 VA
PL-14, PL-34 = 10.0 VA
Dielectric Strength: All models are 1500 V, 60 Hz from
primary to secondary winding and all windings to core
Temperature Class: Insulation Class A, + 105 °C
FEATURES
• PC pin mounting
• Provides isolation from power line
• Mounting frames and bobbin standoff are
available
• Modification to these standard items are
available as specially products
• Laminated
construction
for
low-cost
industrial
applications, including power supplies, controls and
instrumentation
• PL-11, PL-12, PL-13, PL-14: Dual secondaries for series
connection to obtain twice voltage with center tap or
parallel connection for twice current rating
• PL-32, PL-33, PL-34: Single secondary and lower cost
construction. Recognized under the Component Program
of Underwriters Laboratories, Inc., U.L. Files E71961. For
general purpose transformers (U.L. Standard 506).
• Compliant to RoHS Directive 2002/95/EC
MECHANICAL SPECIFICATIONS
Terminals: Brass, solder coated
Weight: (reference)
PL-11 = 35 g
PL-12, PL-32 = 100 g
PL-13, PL-33 = 160 g
PL-14, PL-34 = 240 g
SCHEMATICS
Basic Style
Options
PL-11, PL-12, PL-13, PL-14
5
2
3
1
4
6
115 V
50 to 60 Hz
4
3
-
L
P
,
3
3
-
L
P
,
2
3
-
L
P
4
1
-
L
P
,
3
1
-
L
P
,
2
1
-
L
P
,
1
1
-
L
P
1
Series
Connected
6
3
2
4
5
Volts
Output
Volts
Output
2
1
Parallel
Connected
5
4
3
6
5
3
4
1
Volts Output
115 V 50 Hz to 60 Hz


Similar Part No. - PL1112

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PL11 OMRON-PL11 Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PL11 OMRON-PL11 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
PL11 OMRON-PL11 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PL11-Q OMRON-PL11-Q Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PL11-Q OMRON-PL11-Q Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
More results

Similar Description - PL1112

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PL-11 VISHAY-PL-11 Datasheet
117Kb / 4P
   Low Power Transformers Single Primary, Input 115 Volts Dual Secondary: PL-11 thru -14, Single Secondary: PL-32 thru -34
Revision: 10-Aug-06
logo
Winchester Electronics ...
SD1525-4-9 WINCHESTER-SD1525-4-9 Datasheet
99Kb / 1P
   PL, TPS
SD1525-3-9 WINCHESTER-SD1525-3-9 Datasheet
105Kb / 1P
   PL, TPS
SDKM-59-13 WINCHESTER-SDKM-59-13 Datasheet
43Kb / 1P
   PL, KM
SD2065-15-9 WINCHESTER-SD2065-15-9 Datasheet
40Kb / 1P
   PL, 75 BNC
SD2065-29-9 WINCHESTER-SD2065-29-9 Datasheet
47Kb / 1P
   PL, 75 BNC
logo
NEC
PSLP0E226M NEC-PSLP0E226M Datasheet
170Kb / 8P
   PL/L Series
logo
Winchester Electronics ...
SD2065-2-9 WINCHESTER-SD2065-2-9 Datasheet
72Kb / 1P
   PL, 75 BNC
SD2065-11-9 WINCHESTER-SD2065-11-9 Datasheet
76Kb / 1P
   PL, 75 BNC
SDKH-59-24 WINCHESTER-SDKH-59-24 Datasheet
76Kb / 1P
   PL, ANG, HN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com