Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8042ACHIPS Datasheet(PDF) 5 Page - Analog Devices

Part # AD8042ACHIPS
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042ACHIPS Datasheet(HTML) 5 Page - Analog Devices

  AD8042ACHIPS Datasheet HTML 1Page - Analog Devices AD8042ACHIPS Datasheet HTML 2Page - Analog Devices AD8042ACHIPS Datasheet HTML 3Page - Analog Devices AD8042ACHIPS Datasheet HTML 4Page - Analog Devices AD8042ACHIPS Datasheet HTML 5Page - Analog Devices AD8042ACHIPS Datasheet HTML 6Page - Analog Devices AD8042ACHIPS Datasheet HTML 7Page - Analog Devices AD8042ACHIPS Datasheet HTML 8Page - Analog Devices AD8042ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. C
AD8042
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4,000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8042 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . 0.9 W
Input Voltage (Common Mode) . . . . . . . . . . . . .
±VS ± 0.5 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±3.4 V
Output Short-Circuit Duration
Observe Power Derating Curves
Storage Temperature Range (N, R) . . . . . . . –65
∞C to +125∞C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
∞C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Specification is for the device in free air:
8-Lead Plastic DIP Package:
qJA = 90∞C/W
8-Lead SOIC Package:
qJA = 155∞C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8042
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic—approximately 150
∞C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package.
Exceeding a junction temperature of 175
∞C for an extended
period can result in device failure.
While the AD8042 is internally short-circuit protected, this may
not be sufficient to guarantee that the maximum junction
temperature (150
∞C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves.
AMBIENT TEMPERATURE ( C)
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
10
20
30
50 60
70 80
40
1.0
0.5
8-LEAD PLASTIC-DIP PACKAGE
8-LEAD SOIC PACKAGE
TJ = 150 C
Figure 3. Maximum Power Dissipation vs. Temperature
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8042AN
–40
∞C to +85∞C
8-Lead DIP
N-8
AD8042AR
–40
∞C to +85∞C
8-Lead SOIC
SO-8
AD8042AR-REEL
–40
∞C to +85∞C
8-Lead SOIC 13" REEL
SO-8
AD8042AR-REEL7
–40
∞C to +85∞C
8-Lead SOIC 7" REEL
SO-8
AD8042ARZ
*
–40
∞C to +85∞C
8-Lead SOIC
SO-8
AD8042ARZ-REEL
*
–40
∞C to +85∞C
8-Lead SOIC 13" REEL
SO-8
AD8042ARZ-REEL7
*
–40
∞C to +85∞C
8-Lead SOIC 7" REEL
SO-8
AD8042ACHIPS
DIE
*Z = Pb-free part


Similar Part No. - AD8042ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042ACHIPS AD-AD8042ACHIPS Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

Similar Description - AD8042ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com