Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8073 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8073
Description  Low Cost, Dual/Triple Video Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073 Datasheet(HTML) 5 Page - Analog Devices

  AD8073 Datasheet HTML 1Page - Analog Devices AD8073 Datasheet HTML 2Page - Analog Devices AD8073 Datasheet HTML 3Page - Analog Devices AD8073 Datasheet HTML 4Page - Analog Devices AD8073 Datasheet HTML 5Page - Analog Devices AD8073 Datasheet HTML 6Page - Analog Devices AD8073 Datasheet HTML 7Page - Analog Devices AD8073 Datasheet HTML 8Page - Analog Devices AD8073 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV. A
AD8072/AD8073
–5–
FREQUENCY – MHz
7
6
0.1
0.1
1000
1.0
10
100
5
4
0
3
2
1
VS = 5V
RF = 1k
RL = 150
TO 2.5V
AV = 2
VIN = 100mV p-p
0 C
25 C
70 C
Figure 4. Frequency Response Over Temperature; VS = +5 V
FREQUENCY – MHz
7
6
0.1
0.1
1000
1.0
10
100
5
4
0
3
2
1
VS = 5V
RF = 1k
RL = 150
AV = 2
VIN = 100mV p-p
0 C
25 C
70 C
Figure 5. Frequency Response Over Temperature; VS =
±5 V
FREQUENCY – MHz
6.1
6.0
5.3
0.1
500
1.0
10
100
5.9
5.8
5.4
5.7
5.6
5.5
VS = 5V
RF = 1k
RL = 150
TO 2.5V
AV = 2
VIN = 100mV p-p
70 C
0 C, 25 C
Figure 6. 0.1 dB Flatness vs. Frequency Over Tempera-
ture; VS = +5 V
FREQUENCY – MHz
6.1
6.0
5.3
0.1
500
1.0
10
100
5.9
5.8
5.4
5.7
5.6
5.5
VS = 5V
RF = 1k
RL = 150
AV = 2
VIN = 100mV p-p
0 C, 25 C
70 C
Figure 7. 0.1 dB Flatness vs. Frequency Over Tempera-
ture; VS =
±5 V
0.00
0.03
0.07
0.08
0.08
0.08
0.09
0.08
0.08
0.07
0.06
MIN = 0.00
MAX = 0.09
p-p/MAX = 0.09
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
VS = 5V, RF = 1k , RL = 150
TO 1.5V, AV = 2
0.00
0.05
0.09
0.10
0.09
0.08
0.06
0.06
0.05
0.04
0.02
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
10TH 11TH
MODULATING RAMP LEVEL – IRE
MIN = 0.00
MAX = 0.10
p-p = 0.10
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
VS = 5V, RF = 1k , RL = 150
TO 1.5V, AV = 2
Figure 8. Differential Gain and Phase, VS = +5 V
0.00
0.00
0.00 –0.00
0.00 –0.01 –0.01 –0.02 –0.03 –0.03 –0.03
MIN = –0.03
MAX = 0.00
p-p/MAX = 0.03
0.00
–0.01
–0.02
–0.03
0.00
0.00 –0.00 –0.02 –0.03 –0.05 –0.07 –0.08 –0.10 –0.10 –0.10
1ST
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
10TH 11TH
MODULATING RAMP LEVEL – IRE
MIN = –0.10
MAX = 0.00
p-p = 0.10
0.02
0.00
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
VS = 5V,
RF = 1k
RL = 150
AV = 2
VS = 5V,
RF = 1k
RL = 150
AV = 2
Figure 9. Differential Gain and Phase, VS =
±5 V


Similar Part No. - AD8073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8073 AD-AD8073 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JN AD-AD8073JN Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results

Similar Description - AD8073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JRZ AD-AD8073JRZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com