Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8073 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8073
Description  Low Cost, Dual/Triple Video Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8073 Datasheet HTML 3Page - Analog Devices AD8073 Datasheet HTML 4Page - Analog Devices AD8073 Datasheet HTML 5Page - Analog Devices AD8073 Datasheet HTML 6Page - Analog Devices AD8073 Datasheet HTML 7Page - Analog Devices AD8073 Datasheet HTML 8Page - Analog Devices AD8073 Datasheet HTML 9Page - Analog Devices AD8073 Datasheet HTML 10Page - Analog Devices AD8073 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
REV. A
AD8072/AD8073
–7–
FREQUENCY – MHz
100
0.1
500
110
100
10
1
0.1
VS = 5V
RF = 1k
AV = 2
Figure 16. Output Resistance vs. Frequency; VS =
±5 V
FREQUENCY – Hz
50
40
0
1
100k
10
100
1k
10k
30
20
10
Figure 17. Noise vs. Frequency; VS =
±5 V
–50
FREQUENCY – MHz
–5
–10
–45
0.1
500
110
100
–15
–20
–40
–25
–30
–35
0.02
–55
VIN
2V p-p
1k
1k
60.4
154
154
150
VOUT
Figure 20. CMRR vs. Frequency; VS =
±5 V
FREQUENCY – Hz
100
80
0
1
100k
10
100
1k
10k
60
40
20
Figure 18. Noise vs. Frequency; VS =
±5 V
FREQUENCY – MHz
10
0
–70
0.1
500
110
100
–10
–20
–60
–30
–40
–50
0.02
VS = 5V
RF = 1k
RL = 150
AV = 2
100mV p-p ON TOP
OF VS
–PSRR
PSRR
Figure 19. PSRR vs. Frequency


Similar Part No. - AD8073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8073 AD-AD8073 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JN AD-AD8073JN Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results

Similar Description - AD8073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JRZ AD-AD8073JRZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com