Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN73B2BTP1001F Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RN73B2BTP1001F
Description  Precision Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RN73B2BTP1001F Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RN73B2BTP1001F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RN73B2BTP1001F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RN73B2BTP1001F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RN73B2BTP1001F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RN73B2BTP1001F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
 
Rev. 7
 
Precision Thin Film Chip Resistors
RN73 Series
Standard Electrical Specifications
 
Item
Type
Power
Rating
at 70°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.05%
±0.1%
±0.25% ±0.5%
±1%
1H (0201)
1/32W
-55 ~ +155°C
15V
30V
49.9Ω - 5KΩ
±25
49.9Ω - 33KΩ
±50
1E (0402)
1/16W
-55 ~ +155°C
25V
50V
10Ω - 205KΩ
±25
10Ω - 205KΩ
1Ω - 205KΩ
±50
1J (0603)
1/16W
-55 ~ +155°C
50V
100V
4.7Ω
-332KΩ
4.7Ω - 1MΩ
2Ω - 1MΩ
±25
1Ω - 1MΩ
±50
2A (0805)
1/10W
-55 ~ +155°C
100V
200V
4.7Ω
-511KΩ
4.7Ω - 2MΩ
1Ω - 2MΩ
±25
±50
2B (1206)
1/8W
-55 ~ +155°C
150V
300V
4.7Ω - 1MΩ
4.7Ω -
2.5MΩ
1Ω - 2.5MΩ
±25
±50
2E (1210)
1/4W
2H (2010)
1/4W
-55 ~ +155°C
150V
300V
4.7Ω - 1MΩ 4.7Ω - 3MΩ
1Ω - 3MΩ
±25
±50
3A (2512)
1/2W
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
Viking is capable of manufacturing the optional spec based on customer’s requirement.
Lower Resistance:1~10Ω
Special Electrical Specifications
 
Item
Type
Power
Rating
at 70°C
Operating
Temp.
Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/°C)
±0.01%
±0.05%
±0.1%
1E (0402)
1/16W
-55 ~
+155°C
25V
50V
49.9Ω - 5KΩ
±5
49.9Ω - 12KΩ
±10
49.9Ω - 12KΩ
49.9Ω - 70KΩ
±15
1J (0603)
1/16W
-55 ~
+155°C
50V
100V
24.9Ω - 15KΩ
±5
24.9Ω - 100KΩ
4.7Ω - 332KΩ
±10
±15
2A (0805)
1/10W
-55 ~
+155°C
100V
200V
24.9Ω - 30KΩ
±5
24.9Ω - 200KΩ
4.7Ω - 511KΩ
±10
±15
2B (1206)
1/8W
-55 ~
+155°C
150V
300V
24.9Ω - 50KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
2E (1210)
1/ 4W
-55 ~
+155°C
150V
300V
24.9Ω - 50KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
2H (2010)
1/4W
-55 ~
+155°C
150V
300V
24.9Ω - 100KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
3A (2512)
1/2W
-55 ~
+155°C
150V
300V
24.9Ω - 100KΩ
±5
24.9Ω - 500KΩ
4.7Ω - 1MΩ
±10
±15
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
 
 
 
 


Similar Part No. - RN73B2BTP1001F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73 ETC-RN73 Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
logo
KOA Speer Electronics, ...
RN73 KOA-RN73 Datasheet
234Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
logo
TE Connectivity Ltd
RN73 TEC-RN73 Datasheet
302Kb / 8P
   electroplated 100% matte
logo
KOA Speer Electronics, ...
RN731 KOA-RN731 Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
RN731E KOA-RN731E Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
More results

Similar Description - RN73B2BTP1001F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com