Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8058AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD8058AR
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8058AR Datasheet HTML 3Page - Analog Devices AD8058AR Datasheet HTML 4Page - Analog Devices AD8058AR Datasheet HTML 5Page - Analog Devices AD8058AR Datasheet HTML 6Page - Analog Devices AD8058AR Datasheet HTML 7Page - Analog Devices AD8058AR Datasheet HTML 8Page - Analog Devices AD8058AR Datasheet HTML 9Page - Analog Devices AD8058AR Datasheet HTML 10Page - Analog Devices AD8058AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AD8057/AD8058
–7–
REV. A
0.01 F
0.001 F
4.7 F
–VS
1k
50
VIN
HP8130A
PULSE
GENERATOR
TR/TF = 1ns
AD8057/58
0.001 F
0.01 F
4.7 F
1k
+VS
1k
VOUT
Figure 15. Test Circuit G = –1, RL = 1 kΩ for Figures 16
and 17
100mV
20mV/
DIV
–100mV
4ns/DIV
0V
Figure 16. Small Signal Step Response G = –1, RL = 1 kΩ
5V
1V/DIV
–5V
4ns/DIV
Figure 17. Large Signal Step Response G = –1, RL = 1 kΩ
FREQUENCY – MHz
1
1000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +2
G = +10
G = +5
G = +1
Figure 18. Small Signal Frequency Response,
VOUT = 0.2 V p-p
FREQUENCY – MHz
1
1000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +2
G = +10
G = +5
G = +1
Figure 19. Large Signal Frequency Response, VOUT = 2 V p-p
FREQUENCY – MHz
1
1000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = –2
G = –10
G = –5
G = –1
Figure 20. Large Signal Frequency Response


Similar Part No. - AD8058AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8058AR AD-AD8058AR Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058AR AD-AD8058AR Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8058AR-EBZ AD-AD8058AR-EBZ Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8058AR-REEL AD-AD8058AR-REEL Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058AR-REEL7 AD-AD8058AR-REEL7 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results

Similar Description - AD8058AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8058ARZ AD-AD8058ARZ Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com