Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48BF480T500A00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PRM48BF480T500A00
Description  PRM??Regulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BF480T500A00 Datasheet(HTML) 4 Page - Vicor Corporation

  PRM48BF480T500A00 Datasheet HTML 1Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 2Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 3Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 4Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 5Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 6Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 7Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 8Page - Vicor Corporation PRM48BF480T500A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
- 4 -
PRM48B x 480 y 500A00
Rev. 1.0
11/2012
PIN DESCRIPTIONS
Pin
Signal Name
Type
Function
Number
A1, A2
SHARE
(adaptive loop / slave operation)
BIDIR
Parallel sharing control bus for master-slave configuration.
CONTROL NODE
(remote sense operation)
INPUT
Modulator control node input. Driven by external error amplifier in remote sense
operation.
A3, A4
VT
(adaptive loop operation)
INPUT
VTM TM input for temperature compensation. Leave disconnected for remote
sense operation.
B1, B2
ENABLE
BIDIR
Enables power supply when allowed to float high. 5.0V during normal operation.
B3, B4
VAUX
OUTPUT
9.0V auxiliary bias voltage.
C1, C2
TRIM
INPUT
Selects operating mode. Adjusts output voltage in adaptive loop operation.
C3, C4
IFB
(Remote Sense operation)
INPUT
Current sense input for current limit and overcurrent protection in remote sense
operation. Leave disconnected for adaptive loop operation.
D1, D2
NC
n/a
Do not connect this pin.
D3, D4
SGND
INPUT
Signal ground, reference for analog controls. Kelvin connected internally to –IN
and -OUT.
E1, E2
NC
n/a
Do not connect this pin.
E3, E4
REF
(adaptive loop operation)
OUTPUT
Reference voltage for internal error amplifier in adaptive loop operation.
REF_EN
(remote sense operation)
OUTPUT
Powers and enables external control circuit voltage reference in remote sense
operation.
F1, F2
AL
(adaptive loop operation)
INPUT
Adaptive loop gain control. Sets the magnitude of the adaptive loop load line in
adaptive loop operation. Leave disconnected for remote sense operation.
F3, F4
VC
OUTPUT
Bias voltage to power VTM module during startup
G1,G2
+IN
INPUT
POWER
Positive input power terminal
G3,G4
+OUT
OUTPUT
POWER
Positive output power terminal
H1,H2
-IN
INPUT
POWER RETURN
Negative input power terminal. Connected internally to –OUT.
H3,H4
-OUT
OUTPUT
POWER RETURN
Negative output power terminal. Connected internally to -IN.
PART ORDERING INFORMATION
PART ORDERING INFORMATION
Device Type
Input Voltage
Range
Package Type
Output Voltage x 10 Temperature Grade
Output Power
Revision
Version
PRM
48B
F
480
T
500
A
00
PRM = PRM
48B = 38V – 55V
F =Full VIC SMD
T = Full VIC TH
480 = 48V
T = -40 to 125 °C
M = -55 to 125 °C
500 = 500W
A
00 = AL / RS
STANDARD MODELS
PART NUMBER
VIN
PACKAGE TYPE
VOUT
TEMPERATURE
POWER
VERSION
PRM48BF480T500A00
38V – 55V
Full VIC
SMD
48V
(20V to 55V)
-40 to 125 °C
500W
AL / RS
(Pin Selectable)
PRM48BF480M500A00
-55 to 125 °C
PRM48BT480T500A00
38V – 55V
Full VIC
TH
48V
(20V to 55V)
-40 to 125 °C
500W
AL / RS
(Pin Selectable)
PRM48BT480M500A00
-55 to 125 °C


Similar Part No. - PRM48BF480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48BF480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRM48AF480T400A00 VICOR-PRM48AF480T400A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
   PRM??Regulator
P024F048T12AL VICOR-P024F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PR048A480T024FP VICOR-PR048A480T024FP Datasheet
692Kb / 13P
   PRM??Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com