Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8114 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8114
Description  Low Cost 225 MHz 16 X 16 Crosspoint Switches
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114 Datasheet(HTML) 3 Page - Analog Devices

  AD8114 Datasheet HTML 1Page - Analog Devices AD8114 Datasheet HTML 2Page - Analog Devices AD8114 Datasheet HTML 3Page - Analog Devices AD8114 Datasheet HTML 4Page - Analog Devices AD8114 Datasheet HTML 5Page - Analog Devices AD8114 Datasheet HTML 6Page - Analog Devices AD8114 Datasheet HTML 7Page - Analog Devices AD8114 Datasheet HTML 8Page - Analog Devices AD8114 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AD8114/AD8115
–3–
REV. 0
TIMING CHARACTERISTICS (Serial)
Limit
Parameter
Symbol
Min
Typ
Max
Units
Serial Data Setup Time
t1
20
ns
CLK Pulsewidth
t2
100
ns
Serial Data Hold Time
t3
20
ns
CLK Pulse Separation, Serial Mode
t4
100
ns
CLK to UPDATE Delay
t5
0ns
UPDATE Pulsewidth
t6
50
ns
CLK to DATA OUT Valid, Serial Mode
t7
200
ns
Propagation Delay, UPDATE to Switch On or Off
50
ns
Data Load Time, CLK = 5 MHz, Serial Mode
16
µs
CLK, UPDATE Rise and Fall Times
100
ns
RESET Time
200
ns
Table I. Logic Levels
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
RESET, SER/PAR
CLK, DATA IN,
CLK, DATA IN,
CLK, DATA IN,
CLK, DATA IN,
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
CE, UPDATE
CE, UPDATE
DATA OUT
DATA OUT
2.0 V min
0.8 V max
2.7 V min
0.5 V max
20
µA max
–400
µA min
–400
µA max
3.0 mA min
1
0
1
0
1 = LATCHED
0 = TRANSPARENT
DATA OUT
CLK
DATA IN
OUT7 (D4)
OUT7 (D3)
OUT00 (D0)
LOAD DATA INTO
SERIAL REGISTER
ON FALLING EDGE
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
t2
t4
t1
t3
t7
t5
t6
UPDATE
Figure 1. Timing Diagram, Serial Mode


Similar Part No. - AD8114

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114 AD-AD8114 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
AD8114-EVAL AD-AD8114-EVAL Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8114AST AD-AD8114AST Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8114ASTZ AD-AD8114ASTZ Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
AD8114ASTZ2 AD-AD8114ASTZ2 Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
More results

Similar Description - AD8114

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114 AD-AD8114_05 Datasheet
1Mb / 32P
   Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8115 AD-AD8115_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com