Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8116 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8116
Description  200 MHz, 16 x 16 Buffered Video Crosspoint Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8116 Datasheet HTML 4Page - Analog Devices AD8116 Datasheet HTML 5Page - Analog Devices AD8116 Datasheet HTML 6Page - Analog Devices AD8116 Datasheet HTML 7Page - Analog Devices AD8116 Datasheet HTML 8Page - Analog Devices AD8116 Datasheet HTML 9Page - Analog Devices AD8116 Datasheet HTML 10Page - Analog Devices AD8116 Datasheet HTML 11Page - Analog Devices AD8116 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AD8116
–8–
REV. A
100mV p-p
100ns/DIV
25mV/DIV
Figure 9. Step Response, 100 mV Step
100ns/DIV
500mV/DIV
2V p-p
Figure 10. Step Response, 2 V Step
2mV/DIV
= 0.1%/DIV
20ns/DIV
0
20
40
60
80
100 120 140 160 180
2V STEP
RL = 150
Figure 11. Settling Time
–Typical Performance Characteristics
FREQUENCY – Hz
+4
+3
–4
100k
1G
1M
10M
100M
0
–1
–2
–3
+2
+1
+0.5
+0.4
–0.3
0
–0.1
–0.2
+0.3
+0.2
+0.1
2V p-p
200mV p-p
FLATNESS
RL=150
CL=0pF
200mV p-p
2V p-p
Figure 6. Frequency Response
FREQUENCY – Hz
–10
–20
–100
300k
200M
1M
10M
100M
–50
–70
–80
–90
–30
–40
–60
RL = 1k
RS = 37.5
ALL HOSTILE CROSSTALK
VIN = 632mV p-p
ADJACENT CHANNEL
CROSSTALK
VIN = 632mV p-p
Figure 7. Crosstalk vs. Frequency
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
FREQUENCY – Hz
100k
1M
10M
100M
2ND HARMONIC
VIN = 2V p-p, RL = 150
3RD HARMONIC
Figure 8. Total Harmonic Distortion


Similar Part No. - AD8116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
AD8116-EB AD-AD8116-EB Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8116JST AD-AD8116JST Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
More results

Similar Description - AD8116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com