Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT270AL Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT270AL
Description  75V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT270AL Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT270AL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT270AL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT270AL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT270AL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT270AL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT270AL Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT270AL/AOB270AL
75V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
140A
RDS(ON) (at VGS=10V)
< 2.6m
Ω (< 2.4mΩ)
RDS(ON) (at VGS=6V)
< 3.2m
Ω (< 3.0mΩ)
100% UIS Tested
100% Rg Tested
Symbol
The AOT270AL/AOB270AL uses Trench MOSFET
technology that is uniquely optimized to provide the most
efficient high frequency switching performance. Both
conduction and switching power losses are minimized due
to an extremely low combination of RDS(ON), Ciss and Coss.
This device is ideal for boost converters and synchronous
rectifiers for consumer, telecom, industrial power supplies
and LED backlighting.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
75V
G
D
S
TO220
Top View
Bottom
G
G
S
D
D
S
D
D
TO-263
Top View
Bottom View
D
D
S
G
G
S
VDS
VGS
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
Typ
Max
TC=25°C
2.1
250
TC=100°C
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
B
PD
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
50
15
Parameter
17
A
120
V
±20
Gate-Source Voltage
A
TA=25°C
560
Pulsed Drain Current
C
V
Drain-Source Voltage
75
Continuous Drain
Current
G
ID
140
110
TC=25°C
TC=100°C
Continuous Drain
Current
720
21.5
Avalanche energy L=0.1mH
C
IDSM
W
A
TA=70°C
mJ
Avalanche Current
C
Power Dissipation
A
PDSM
W
TA=70°C
500
1.3
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.25
60
0.3
Rev 0 : Dec. 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOT270AL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT270AL ISC-AOT270AL Datasheet
288Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT270AL

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com