Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048T096T025 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V048T096T025
Description  VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048T096T025 Datasheet(HTML) 3 Page - Vicor Corporation

  V048T096T025 Datasheet HTML 1Page - Vicor Corporation V048T096T025 Datasheet HTML 2Page - Vicor Corporation V048T096T025 Datasheet HTML 3Page - Vicor Corporation V048T096T025 Datasheet HTML 4Page - Vicor Corporation V048T096T025 Datasheet HTML 5Page - Vicor Corporation V048T096T025 Datasheet HTML 6Page - Vicor Corporation V048T096T025 Datasheet HTML 7Page - Vicor Corporation V048T096T025 Datasheet HTML 8Page - Vicor Corporation V048T096T025 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
vicorpower.com
800-735-6200
VTM™ Current Multiplier
V048F096T025
Rev. 2.9
Page 3 of 11
Figure 1 — Input reflected ripple current at full load and 48 VF.
Efficiency vs. Output Current
84
86
88
90
92
94
96
98
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 3 — Efficiency vs. output current.
Power Dissipation
2
3
4
5
6
7
8
9
10
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 4 — Power dissipation vs. output current.
Waveforms
Figure 6 — Output voltage ripple at full load and 48 VF with 10 µF ceramic
POL bypass capacitance and 20 nH distribution inductance.
Figure 5 — Output voltage ripple at full load and 48 VF with no POL bypass
capacitance.
.
Ripple vs Output Current
40
60
80
100
120
140
160
180
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
Output Current (A)
Figure 2 — Output voltage ripple vs. output current at 48 VF with no POL
bypass capacitance.
Specifications


Similar Part No. - V048T096T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048T096T025 VICOR-V048T096T025 Datasheet
1Mb / 11P
   VTM Current Multiplier
More results

Similar Description - V048T096T025

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com