Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V048T160T015 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V048T160T015
Description  VTM?줓urrent Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048T160T015 Datasheet(HTML) 5 Page - Vicor Corporation

  V048T160T015 Datasheet HTML 1Page - Vicor Corporation V048T160T015 Datasheet HTML 2Page - Vicor Corporation V048T160T015 Datasheet HTML 3Page - Vicor Corporation V048T160T015 Datasheet HTML 4Page - Vicor Corporation V048T160T015 Datasheet HTML 5Page - Vicor Corporation V048T160T015 Datasheet HTML 6Page - Vicor Corporation V048T160T015 Datasheet HTML 7Page - Vicor Corporation V048T160T015 Datasheet HTML 8Page - Vicor Corporation V048T160T015 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
vicorpower.com
800-735-6200
VTM™ Current Multiplier
V048F160T015
Rev. 3.0
Page 5 of 11
Pin / Control Functions
+In / -In DC Voltage Ports
The VTM™ current multiplier input should be connected to the
PRM™ regulator output terminals. Given that both the regulator and
current multiplier have high switching frequencies, it is often good
practice to use a series inductor to limit high frequency currents
between the PRM module output and VTM module input capacitors.
The input voltage should not exceed the maximum specified. If the
input voltage exceeds the overvoltage turn-off, the VTM module will
shutdown. The VTM module does not have internal input reverse
polarity protection. Adding a properly sized diode in series with the
positive input or a fused reverse-shunt diode will provide reverse polarity
protection.
TM – For Factory Use Only
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM regulator, synchronizing the output rise of the VTM
module with the output rise of the regulator. Additionally, the VC port
provides feedback to the PRM to compensate for the current multiplier
output resistance. In typical applications using VTM modules powered
from PRM regulators, the regulators VC port should be connected to
the VTM module VC port.
The VC port is not intended to be used to supply V
CC voltage to the
VTM module for extended periods of time. If VC is being supplied from
a source other than the PRM regulators, the voltage should be removed
after 20 ms.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
current multiplier as follows:
Disable – If PC is left floating, the VTM module output is enabled.
To disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM module.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
+Out / -Out DC Voltage Output Ports
The output and output return are through two sets of contact
locations. The respective +Out and –Out groups must be connected in
parallel with as low an interconnect resistance as possible. Within the
specified input voltage range, the Level 1 DC behavioral model shown
in Figure 16 defines the output voltage of the VTM module. The
current source capability of the VTM module is shown in the
specification table.
To take full advantage of the VTM current multiplier, the user should
note the low output impedance of the device. The low output
impedance provides fast transient response without the need for bulk
POL capacitance. Limited-life electrolytic capacitors required with
conventional converters can be reduced or even eliminated, saving cost
and valuable board real estate.
-In
PC
VC
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
4
3
2
1
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Figure 9 — VTM™ current multiplier pin configuration
Signal Name
Pin Designation
+In
A1-E1, A2-E2
–In
L1-T1, L2-T2
TM
H1, H2
VC
J1, J2
PC
K1, K2
+Out
A3-D3, A4-D4,
J3-M3, J4-M4
–Out
E3-H3, E4-H4,
N3-T3, N4-T4


Similar Part No. - V048T160T015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048T160T015 VICOR-V048T160T015 Datasheet
1Mb / 11P
   VTM Current Multiplier
More results

Similar Description - V048T160T015

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F240T012 VICOR-V048F240T012 Datasheet
1Mb / 11P
   VTM?줓urrent Multiplier
VTM48FH060_020A00 VICOR-VTM48FH060_020A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
VTM48EH015_050A00 VICOR-VTM48EH015_050A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
VTM48EH020_040A00 VICOR-VTM48EH020_040A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
VTM48EH040_025A00 VICOR-VTM48EH040_025A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
VTM48EH120_010A00 VICOR-VTM48EH120_010A00 Datasheet
1Mb / 16P
   VTM?줓urrent Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com