Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8151-EVAL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8151-EVAL
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151-EVAL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8151-EVAL Datasheet HTML 3Page - Analog Devices AD8151-EVAL Datasheet HTML 4Page - Analog Devices AD8151-EVAL Datasheet HTML 5Page - Analog Devices AD8151-EVAL Datasheet HTML 6Page - Analog Devices AD8151-EVAL Datasheet HTML 7Page - Analog Devices AD8151-EVAL Datasheet HTML 8Page - Analog Devices AD8151-EVAL Datasheet HTML 9Page - Analog Devices AD8151-EVAL Datasheet HTML 10Page - Analog Devices AD8151-EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD8151
–7–
REV. 0
Pin No.
Signal
Type
Description
124
IN08P
PECL/ECL
High-Speed Input
125
IN08N
PECL/ECL
High-Speed Input Complement
127
IN09P
PECL/ECL
High-Speed Input
128
IN09N
PECL/ECL
High-Speed Input Complement
130
IN10P
PECL/ECL
High-Speed Input
131
IN10N
PECL/ECL
High-Speed Input Complement
133
IN11P
PECL/ECL
High-Speed Input
134
IN11N
PECL/ECL
High-Speed Input Complement
136
IN12P
PECL/ECL
High-Speed Input
137
IN12N
PECL/ECL
High-Speed Input Complement
140
IN13P
PECL/ECL
High-Speed Input
141
IN13N
PECL/ECL
High-Speed Input Complement
143
IN14P
PECL/ECL
High-Speed Input
144
IN14N
PECL/ECL
High-Speed Input Complement
146
IN15P
PECL/ECL
High-Speed Input
147
IN15N
PECL/ECL
High-Speed Input Complement
150
VEEREF
R-Program
Connection Point for Output Logic Pull-Down
Programming Resistor (Must be Connected to VEE)
151
REF
R-Program
Connection Point for Output Logic Pull-Down
Programming Resistor
152
VSS
Power Supply
Most Negative Control Logic Supply
153
D6
TTL
Enable/Disable Output
154
D5
TTL
(32) MSB Input Select
155
D4
TTL
(16)
156
D3
TTL
(8)
157
D2
TTL
(4)
158
D1
TTL
(2)
159
D0
TTL
(1) LSB Input Select
160
A4
TTL
(16) MSB Output Select
161
A3
TTL
(8)
162
A2
TTL
(4)
163
A1
TTL
(2)
164
A0
TTL
(1) LSB Output Select
165
UPDATE
TTL
Second Rank Program
166
WE
TTL
First Rank Program
167
RE
TTL
Enable Readback
168
CS
TTL
Enable Chip to Accept Programming
169
RESET
TTL
Disable All Outputs (Hi-Z)
170
VDD
Power Supply
Most Positive Control Logic Supply
173
IN16P
PECL/ECL
High-Speed Input
174
IN16N
PECL/ECL
High-Speed Input Complement
176
IN17P
PECL/ECL
High-Speed Input
177
IN17N
PECL/ECL
High-Speed Input Complement
179
IN18P
PECL/ECL
High-Speed Input
180
IN18N
PECL/ECL
High-Speed Input Complement
182
IN19P
PECL/ECL
High-Speed Input
183
IN19N
PECL/ECL
High-Speed Input Complement


Similar Part No. - AD8151-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
More results

Similar Description - AD8151-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
Vitesse Semiconductor C...
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
   2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
logo
Optoway Technology Inc
SPB-9805RWG_2015 OPTOWAY-SPB-9805RWG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-97120RW-1590G_2015 OPTOWAY-SPB-97120RW-1590G_2015 Datasheet
184Kb / 5P
   3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9705RWG OPTOWAY-SPB-9705RWG_15 Datasheet
406Kb / 6P
   3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780RW-1590G OPTOWAY-SPB-9780RW-1590G_15 Datasheet
188Kb / 6P
   3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com