Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8180 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8180
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8180 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8180 Datasheet HTML 4Page - Analog Devices AD8180 Datasheet HTML 5Page - Analog Devices AD8180 Datasheet HTML 6Page - Analog Devices AD8180 Datasheet HTML 7Page - Analog Devices AD8180 Datasheet HTML 8Page - Analog Devices AD8180 Datasheet HTML 9Page - Analog Devices AD8180 Datasheet HTML 10Page - Analog Devices AD8180 Datasheet HTML 11Page - Analog Devices AD8180 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8180/AD8182
–8–
REV. B
APPLICATIONS
Multiplexing two RGB Video Sources
A common video application requires two RGB sources to be
multiplexed together before the selected signal is applied to a
monitor. Typically one source would be the PC’s normal output,
the second source might be a specialized source such as MPEG
video. Figure 23 shows how such a circuit could be realized
using the AD8180 and AD8182 and three current feedback op
amps. The video inputs to the multiplexers are terminated with
75
Ω resistors. This has the effect of halving the signal amplitude
of the applied signals.
Because all three multiplexers are permanently active, the
ENABLE pins are tied permanently low. The three SELECT
pins are tied together and this signal is used to select the source.
In order to drive a 75
Ω back terminated load (R
L = 150
Ω), the
multiplexer outputs are buffered using the AD8001 current feed-
back op amp. A gain of two compensates for the signal halving by
the AD8001 output back termination resistor so that the system
has an overall gain of unity.
If lower speed and crosstalk can be tolerated, either of the triple
op amps, AD8013 or AD8073, can replace the three AD8001 op
amps in the above circuit. Because both devices have bandwidths
in the 100 MHz to 140 MHz range at a gain of +2, these ampli-
fiers will dominate the frequency response of the circuit.
With no signal present, the total quiescent current of the cir-
cuit in Figure 23 is 25.6 mA (3.8 mA + 6.8 mA + 3
× 5 mA), or
about 8.5 mA per channel. If either the AD8013 or AD8073
are used, the quiescent current will decrease to about 6.5 mA
per channel.
To reduce power consumption further, three AD8011 single
op amps can be used. With a quiescent current of 1 mA, this
will reduce the per channel quiescent current to about 4.5 mA.
Table II. Amplifier Options for RGB Multiplexer
Op Amp Comments
AD8001
Highest Bandwidth, 440 MHz (G = +2), ISY = 5 mA
AD8011
Lower Power Consumption, Bandwidth (G = +2) =
210 MHz, ISY = 1 mA
AD8013
Triple Op Amp, Bandwidth (G = +2) = 140 MHz,
ISY = 3.4 mA
AD8073
Lower Power Triple Op Amp, Bandwidth (G = +2) =
100 MHz, ISY = 3.5 mA
8
7
6
5
ENABLE
ENABLE A
–VS
ENABLE B
–VS
+VS
0.1 F
10 F
0.1 F
10 F
0.1 F
+VS
+
75
75
75
75
75
75
RG
B
COMPUTER
GRAPHICS
RG
B
+VS
0.1 F
10 F
75
681
–VS
10 F
0.1 F
+VS
0.1 F
10 F
75
681
681
–VS
10 F
0.1 F
+VS
0.1 F
10 F
75
681
–VS
10 F
0.1 F
SELECT
MONITOR
1
2
3
4
AD8180
+1
+1
1
2
3
4
14
13
12
11
AD8182
5
6
7
10
9
8
DECODER
+1
+1
DECODER
+1
+1
+
+
MPEG
RTERM
AD8001
681
AD8001
681
AD8001
R
G
B
0.1 F
10 F
+
10 F
DECODER
Figure 23. Multiplexing Two Component Video Sources


Similar Part No. - AD8180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8180-EB AD-AD8180-EB Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180-EB AD-AD8180-EB Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180AN AD-AD8180AN Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Similar Description - AD8180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com