Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX6SM Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CX6SM
Description  Designed for low power applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX6SM Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CX6SM Datasheet HTML 1Page - EUROQUARTZ limited CX6SM Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
CX6SM CRYSTAL
Low Profile Miniature SMD Crystal
800kHz to 1.35MHz
DESCRIPTION
CX6SM crystals consist of a high quality extensional mode resonator
in a rugged, hermetically sealed ceramic package.
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
Frequency Range:
800kHz to 1.35MHz
Standard Calibration Tolerance*:
±500ppm (0.05%)
±1000ppm (0.1%)
±10000ppm (1.0%)
Load Capacitance:
7pF
Motional Resistance (R1):
5kΩ maximum
Motional Capacitance (C1):
1.2fF
Quality Factor (Q):
150k
Shunt Capacitance (C0):
1.0pF
Drive Level:
3µW maximum
Turning Point (T0**):
35°C
Temperature Coefficient (k):
-0.035ppm/°C2
Ageing First Year:
±5ppm maximum
Shock, Survival:
1000g, 0.3ms, ½ sine
Vibration, Survival:
10g rms, 20~1000Hz random
Operating Temperature Range:
-10°C to +70°C (Commercial)
-40°C to +85°C (Industrial)
-55°C to +125°C (Military)
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
+260°C for 20 seconds
SPECIFICATION
FEATURES
Extensional mode resonator, 760kHz to 1.35MHz
Designed for low power applications
Ideal microprocessor clock crystal
Low ageing
Full military testing available
PACKAGING OPTIONS
CX6SM crystals are available either tray packed (<250pcs) or tape
and reel (>250 pieces).
16mm tape, 178mm or 330mm reels (EIA 418).
*
Tighter frequency calibration is available.
**
Other turning point is available.
HOW TO ORDER CX6SM CRYSTALS
CX6 -
S
-
C
-
SM1
-
1.0M
, 500
/
I
'S' if special,
custom design.
Otherwise leave
blank
Blank = glass lid
C = ceramic lid
Terminations
SM1 = Gold plated *
SM2 = Solder plated
SM3 = Solder dipped
SM4 = Solder plated *
SM5 = Solder dipped *
* = Lead free
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@25°C
(in ppm)
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Note: Frequency f at temperature T is related to frequency Fo at
turning point temperature To by:
f-fo
fo
=k(T-To)2
Turning Point Temperature
OUTLINE & DIMENSIONS
SM1
0.99
1.35
SM2
1.04
1.40
SM3
1.12
1.47
SM4
1.04
1.40
SM5
1.12
1.47
Glass
Lid
Ceramic
Lid
Dim. H


Similar Part No. - CX6SM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM Datasheet
449Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX6SM RSG-CX6SM Datasheet
482Kb / 2P
   800 kHz to 1.35 MHz Ultra-Low Profile (1mm) ??Miniature Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX6SM STATEK-CX6SM Datasheet
160Kb / 2P
   Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
logo
EUROQUARTZ limited
CX6SM EUROQUARTZ-CX6SM Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
RSG Electronic Componen...
CX6SM-AT RSG-CX6SM-AT Datasheet
98Kb / 2P
   9.6 MHz to 250 MHz Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
More results

Similar Description - CX6SM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX4 EUROQUARTZ-CX4 Datasheet
148Kb / 2P
   Designed for low power applications
logo
Ohmite Mfg. Co.
RES-80 OHMITE-RES-80 Datasheet
336Kb / 2P
   Designed for precision power applications
logo
E&E Magnetic Products L...
833-00036 EEMAGNETIC-833-00036 Datasheet
441Kb / 3P
   Designed for switching power supply applications
833-00020 EEMAGNETIC-833-00020 Datasheet
441Kb / 3P
   Designed for switching power supply applications
logo
Pulse A Technitrol Comp...
P0108 PULSE-P0108 Datasheet
74Kb / 1P
   LOW PROFILE SELF-LEADED POWER INDUCTORS Designed for PCMCIA Applications
logo
Everlight Electronics C...
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
   Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
   Specially designed for applications
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000_09 Datasheet
339Kb / 1P
   Designed for switching applications
DSM8100-000 SKYWORKS-DSM8100-000_08 Datasheet
107Kb / 5P
   Designed for switching applications
logo
Everlight Electronics C...
7344-B2T3-AMQB EVERLIGHT-7344-B2T3-AMQB Datasheet
103Kb / 6P
   Specially designed for applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com