Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD823 Datasheet(PDF) 4 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 4 Page - Analog Devices

  AD823 Datasheet HTML 1Page - Analog Devices AD823 Datasheet HTML 2Page - Analog Devices AD823 Datasheet HTML 3Page - Analog Devices AD823 Datasheet HTML 4Page - Analog Devices AD823 Datasheet HTML 5Page - Analog Devices AD823 Datasheet HTML 6Page - Analog Devices AD823 Datasheet HTML 7Page - Analog Devices AD823 Datasheet HTML 8Page - Analog Devices AD823 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD823A
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth, VO
≤ 0.2 V p-p
G = +1
12
16
MHz
Full Power Response
VO = 2 V p-p
4
MHz
Slew Rate
G = –1, VO = 10 V Step
17
25
V/
µs
Settling Time
G = –1, VO = 10 V Step
to 0.1%
550
ns
to 0.01%
650
ns
NOISE/DISTORTION PERFORMANCE
Input Voltage Noise
f = 10 kHz
16
nV/
√Hz
Input Current Noise
f = 1 kHz
1
fA/
√Hz
Harmonic Distortion
RL = 600
Ω, V
O = 10 V p-p,
–90
dBc
f = 20 kHz
Crosstalk
f = 1 kHz
RL = 5 k
–130
dB
f = 1 MHz
RL = 5 kΩ
–93
dB
DC PERFORMANCE
Initial Offset
0.7
3.5
mV
Max Offset Over Temperature
1.0
7
mV
Offset Drift
2
µV/°C
Input Bias Current
VCM = 0 V
5
30
pA
VCM = –10 V
60
pA
at TMAX
VCM = 0 V
0.5
5
nA
Input Offset Current
220
pA
at TMAX
0.5
nA
Open-Loop Gain
VO = +10 V to –10 V
RL = 2 k
30
60
V/mV
TMIN to TMAX
30
V/mV
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
–15.2 to 13
–15.2 to 13.8
V
Input Resistance
10
13
Input Capacitance
1.8
pF
Common-Mode Rejection Ratio
VCM = –15 V to +13 V
66
82
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
IL = ± 100 µA
–14.95 to +14.95
V
IL =
±2 mA
–14.92 to +14.92
V
IL =
±10 mA
–14.75 to +14.75
V
Output Current
VOUT = –14.5 V to +14.5 V
17
mA
Short Circuit Current
Sourcing to 0 V
80
mA
Sinking to 0 V
60
mA
Capacitive Load Drive
G = +1
500
pF
POWER SUPPLY
Operating Range
+3
+36
V
Quiescent Current
TMIN to TMAX, Total
7.0
8.4
mA
Power Supply Rejection Ratio
VS = +5 V to +15 V, TMIN to TMAX 70
80
dB
Specification subject to change without notice.
REV. 0
–4–
AD823–SPECIFICATIONS (@ T
A = +25
°C, V
S =
±15 V, R
L = 2 k
Ω to 0 V, unless otherwise noted)


Similar Part No. - AD823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823 Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823 AD-AD823 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
logo
List of Unclassifed Man...
AD823-00 ETC2-AD823-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
AD8230-EVAL AD-AD8230-EVAL Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
More results

Similar Description - AD823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823_15 Datasheet
412Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
AD823 AD-AD823_07 Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
logo
Texas Instruments
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com