Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD823AN Datasheet(PDF) 9 Page - Analog Devices

Part # AD823AN
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD823AN Datasheet HTML 5Page - Analog Devices AD823AN Datasheet HTML 6Page - Analog Devices AD823AN Datasheet HTML 7Page - Analog Devices AD823AN Datasheet HTML 8Page - Analog Devices AD823AN Datasheet HTML 9Page - Analog Devices AD823AN Datasheet HTML 10Page - Analog Devices AD823AN Datasheet HTML 11Page - Analog Devices AD823AN Datasheet HTML 12Page - Analog Devices AD823AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD823
REV. 0
–9–
FREQUENCY – Hz
0
30
20
10
100
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
+PSRR
–PSRR
VS = +5V
Figure 22. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
0
10k
10
30
100k
1M
10M
20
RL = 2kΩ
G = +1
VS = ±15V
VS = +5V
VS = +3V
Figure 23. Large Signal Frequency Response
3V
GND
RL = 100kΩ
CL = 50pF
VS = +3V
200µs
500mV
Figure 24. Output Swing, VS = + 3 V, G = +1
RS
CL
VIN
CAPACITOR – pF
1000
0
0
12
9
6
3
21
M = 20°
15
18
1
2
3
4
56789
10
M = 45°
VS = +5V
Figure 25. Capacitive Load vs. Series Resistance
FREQUENCY – Hz
–130
1k
–110
–120
–30
–40
10k
100k
1M
VS = +5V
–100
–90
–80
–70
–60
–50
10M
Figure 26. Crosstalk vs. Frequency
100k
+3V
VOUT
50pF
100k
50
100k
VIN = 2.9V p-p
VS = +3V
VIN = 2.9Vp-p
G = –1
10µs
500mV
Figure 27. Output Swing, VS = +3 V, G = –1


Similar Part No. - AD823AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823AN AD-AD823AN Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823ANZ AD-AD823ANZ Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
More results

Similar Description - AD823AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823_15 Datasheet
412Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
AD823 AD-AD823_07 Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
logo
Texas Instruments
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com