Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX20705 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX20705
Description  USB 2.0 Compliant Audio Class Interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20705 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX20705 Datasheet HTML 1Page - Synaptics Incorporated. CX20705 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Audio
Speakers-on-a-Chip
Conexant’s portfolio includes a comprehensive suite of semiconductor
solutions for communications and consumer applications.
The CX20705 is one of Conexant’s Speakers-on-a-Chip (SPoC) embedded audio
solutions for designing 2.1 Channel audio entertainment applications. The
device features a proprietary Digital Signal Processor (DSP), Codec, stereo 2.5
Watt Class-D amplifier, capless headphone driver, digital Crossover, and I2S,
USB, and I2C interfaces in a cost-effective single-chip package. The solution
features a suite of turnkey audio post-processing effects specifically designed
for 2.1 Channel audio entertainment applications such as Smartphone/iPOD
docking systems and All-In-One speakers. This product is part of the CX2070x
SPoC family, which includes CX20702, CX20703, CX20704, CX20706, CX20707 and
CX20709.
The device features multiple high performance 24-bit DACs for 2.1 Channel
speaker output, multiple 24-bit high performance ADCs supporting up to three
stereo line inputs, capless headphone output, support for bi-directional I2S,
PCM, S/PDIF-out with independent sampling rates, and a range of digital and
analog input/output channel selections for flexible routing and mixing. The
integrated digital crossover supports sub-woofer configuration. Different audio
sampling rates ranging from 8 kHz to 96 kHz are generated directly from the
master clock without the need for external PLL. The power-efficient Class-D
amplifier drives a maximum of 2.5 W (average) stereo from the integrated
amplifier. The SPoC can be controlled and configured by both read and write
capability through I2C and Serial Peripheral Interface (SPI). The USB interface is
USB 2.0 Audio Class compliant for both control and data.
The on-chip Digital Signal Processor (DSP) runs a suite of innovative Conexant
proprietary audio post processing effects that dramatically improves sound
quality and frees-up processing power for other applications without
compromising on cost and future firmware scalability. Key audio innovations
include Equalizer, Dynamic Range Compression, Digital Crossover, and
3D effects. The embedded SPoC Configuration Toolbox allows for fast
configuration and performance optimization.
The CX20705 turnkey solution eliminates the need for a multiple-chip reference
design, making it easy and economical for manufacturers to design products
for high quality audio applications. A complete evaluation kit with reference
board and all the necessary technical documents and software is available.
The SoC is packaged in an environmentally-friendly, RoHS/Green-compliant
76-pin QFN (Quad Flat No leads) package.
Applications
2.1ChannelSmartphone/iPODdockingsystems
•2.1ChannelAll-in-OnePCspeaker
Distinguishing Features
• 24-bit DAC/Four ADC, SNR 102 dB, THD -
92 dB at 48 kHz 3.3 V
• Programmable on-chip proprietary DSP
– Digital equalizer (10 bands/ channel)
– Dynamic range compression
– Digital Crossover
– 3D Expander (Phantom mode and
Immersion mode)
• USB 2.0 Compliant Audio Class Interface
• One 2-wire I2C or 4-wire SPI slave interface
for external MCU
• 3-wire digital audio I/O (I2S/PCM/SPDIF),
supporting half-duplex receive-only traffic
• Stereo 2.5 W BTL Class-D speaker amplifier
• Flexible power management
• Audio sample rate: 8, 11.025, 12, 16, 22.05,
24, 32, 44.1, 48, 64, 88.2, 96 kHz
Part Number CX20705
Description
Speakers-on-a-Chip with On-chip
Audio DSP, Integrated I2S/I2C/USB
Codec, and Class-D Amplifier
Speakers-on-a-Chip with On-chip Audio DSP, Integrated
I2S/I2C/USB Codec, and Class-D Amplifier
CX20705


Similar Part No. - CX20705

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20701 CONEXANT-CX20701 Datasheet
121Kb / 2P
   Eight GPIO pins
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
CX20703 CONEXANT-CX20703 Datasheet
260Kb / 2P
   Flexible power management
CX20704 CONEXANT-CX20704 Datasheet
647Kb / 2P
   Flexible power management
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
More results

Similar Description - CX20705

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
   USB to Flash Interface Controller, Mass Storage Class Compliant
logo
ON Semiconductor
NL3S22S ONSEMI-NL3S22S Datasheet
489Kb / 9P
   USB 2.0 Audio Switch
October, 2016 ??Rev. 0
NL3S22AH ONSEMI-NL3S22AH Datasheet
355Kb / 10P
   USB 2.0 Audio Switch
July, 2018 ??Rev. 3
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
logo
List of Unclassifed Man...
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
   USB 2.0 Interface Controller
logo
Synaptics Incorporated.
CX23103 CONEXANT-CX23103 Datasheet
1Mb / 2P
   USB 1.1/2.0 compliant bus
logo
C-Media Electronics
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
logo
Synaptics Incorporated.
CX23102 CONEXANT-CX23102 Datasheet
1Mb / 2P
   USB 1.1/2.0 compliant bus
logo
C-Media Electronics
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
   USB 2.0 full speed-compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com