Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX20805 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX20805
Description  Unified Communication Peripherals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20805 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX20805 Datasheet HTML 1Page - Synaptics Incorporated. CX20805 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX20805
High-Performance Low-Power Digital Audio Signal Processor
Applications
Unified Communication Peripherals
Telepresence/Unified Communication
Device
All-in-One Speakers/Docking System
LCD Display/Sound Bar
Home Automation/Intercom
Wi-Fi® Phone/Smart Phone Docking
Systems
Mobile Internet Devices, Portable
Navigation Devices, Portable Media
Players
Multimedia IP phone
Embedded applications
Full-duplex Hands-free Telephony
A/V receivers, DVD
Receivers, Set-top Box
After-market Automotive Amplifiers
and Entertainment systems
Bundled DSP Algorithms
(Royalty Free)
Fast Fourier Transforms (FFT)
Finite Impulse Response (FIR) filters
Infinite Impulse Response (IIR) filters
128 band Analysis and Synthesis
Filterbanks
Dual Knee Dynamic Range
Compression (DRC)
Automatic Gain Control (AGC)
Sampling Rate Converter (SRC &
ASRC)
Equalizer (EQ) with flexible number of
bands
Downmixer (Flexible number of
channels)
Amplifier and Mixer (Side Tone
Generation)
Signal generator
Cyclical Buffering Mechanisms
Part Number CX20805
Description High-Performance Low-
Power Digital Audio Signal Processor
Audio
Audio/Voice DSP
(1) Conexant rates its DSPs based on the chips using standard voltage with 10 percent margin. DSP
cores are often rated at the typical conditions with overvoltage and no margin. Under these
conditions, CX20805 could easily exceed 1000 MIPS.
The CX20805 is a 32-bit dual core Digital
Signal Processor (DSP), designed using
Conexant Audio Processing Engine
(CAPE) cores. The CX20805 audio
processor offers customers
programmability and flexibility in their
designs by providing a cost- effective
architecture which needs high
performance and low power. CX20805 is
the first high performance, low-power
audio DSP in the audio market that offers
over 800 MIPS(1) to support
computationally intensive audio
processing algorithms with large on-chip
memory 520KB SRAM/352KB ROM and
capable of supporting all major high
sampling rates through various audio
interfaces to external SoCs and Analog
Mixed Signal chipsets.
The device features support for up to four
digital microphone inputs, support for dual
bi-directional I2S, PCM, S/PDIF transmit
and receive with independent sampling
rates, and a range of digital input/output
channel selections for flexible routing and
mixing. Different audio sampling rates
ranging from 8 kHz to 96 kHz are
generated directly from the master clock
without the need for external PLL. The
device can be controlled and configured
by both read and write capability through
I2C and Serial Peripheral Interface (SPI).
The USB interface supports both High
speed and Full speed, and is USB2.0
Audio Class compliant for both data and
control. An integrated on-chip 128-bit
AES decoding engine is present for
copyright protection and rendering full-
rate, lossless Blu-ray media content.
There are six timers/counters on chip
which can be used for different
application based requirements.
The device also has a Conexant Audio
Bus (CAB) interface which has been
specially developed to handle high data
rate transfer when interfacing with HD
Audioor external analog codecs. There
are two on-chip tri-color PWM LEDs and
a PIC controller which is retaskable to
support various communication protocols
over 24 programmable GPIOs.
The device integrates advanced low-
power techniques, such as DC-DC
converters, Power Gating, Power
Retention, Low-Vdd Standby, Dynamic
Voltage Scaling (DVS) and Adaptive
Voltage Scaling (AVS), which employ
voltage control to manage power. In
addition, frequency scaling mechanisms
can also be used to reduce the power
consumption further.
CX20805 comes bundled with advanced
signal processing routines, free of
royalties, for customers interested in
developing their own proprietary
algorithms for different applications. This
package includes CAPE optimized
implementations of filter banks,
Equalizers, Sampling Rate Converter
(SRC), a small footprint Operating
System (etc.).
The Configuration Toolbox allows for fast
configuration of the various signal
processing algorithms and performance
optimization. A complete evaluation kit
with reference board and all the
necessary technical documentation and
software is available. An efficient C
compiler is also available for customers
interested in programming the CAPE
Cores.
Samples are available in a small footprint
9x9, 116-pin Dual Row QFN packaging
along with Evaluation kits.


Similar Part No. - CX20805

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX2081 PULSE-CX2081 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
Synaptics Incorporated.
CX20865 CONEXANT-CX20865 Datasheet
686Kb / 2P
   Asynchronous SRC and Sync Buffers
CX20873 CONEXANT-CX20873 Datasheet
621Kb / 2P
   Full duplex stereo I2S/PCM
More results

Similar Description - CX20805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7581 ETC2-FW-7581 Datasheet
228Kb / 2P
   Unified Communication Network Appliance with Intel G41 Chipset
logo
STMicroelectronics
AN4655 STMICROELECTRONICS-AN4655 Datasheet
344Kb / 21P
   Virtually increasing the number of serial communication peripherals in STM32 applications
logo
Analog Microelectronics
AME8503 AME-AME8503 Datasheet
491Kb / 17P
   Computer Peripherals
logo
List of Unclassifed Man...
BCM2711 ETC1-BCM2711 Datasheet
1Mb / 208P
   ARM Peripherals
logo
Maxim Integrated Produc...
MAX28200WEVKIT MAXIM-MAX28200WEVKIT Datasheet
3Mb / 21P
   Integrated Peripherals
Rev 1; 5/19
logo
National Semiconductor ...
DS7837 NSC-DS7837 Datasheet
107Kb / 4P
   Hex Unified Bus Receiver
DS8838 NSC-DS8838 Datasheet
82Kb / 5P
   Quad Unified Bus Transceiver
DS8641 NSC-DS8641 Datasheet
78Kb / 5P
   Quad Unified Bus Transceiver
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
   6-Bit Unified Bus Comparator
logo
Zilog, Inc.
Z80 ZILOG-Z80 Datasheet
2Mb / 330P
   Z80 CPU PERIPHERALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com