Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8321-EVAL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8321-EVAL
Description  Gain Programmable CATV Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8321-EVAL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8321-EVAL Datasheet HTML 3Page - Analog Devices AD8321-EVAL Datasheet HTML 4Page - Analog Devices AD8321-EVAL Datasheet HTML 5Page - Analog Devices AD8321-EVAL Datasheet HTML 6Page - Analog Devices AD8321-EVAL Datasheet HTML 7Page - Analog Devices AD8321-EVAL Datasheet HTML 8Page - Analog Devices AD8321-EVAL Datasheet HTML 9Page - Analog Devices AD8321-EVAL Datasheet HTML 10Page - Analog Devices AD8321-EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AD8321
–7–
REV. 0
OPERATIONAL DESCRIPTION
The AD8321 is a digitally controlled variable gain power ampli-
fier that is optimized for driving a 75
Ω cable. As a multifunc-
tional bipolar device on a single silicon die, it incorporates all
the analog features necessary to accommodate reverse path
(upstream) high speed (5 MHz to 65 MHz) cable data modem
requirements. The AD8321 has an overall gain range of ap-
proximately 53 dB and is capable of greater than 100 MHz
operation at output signal levels exceeding 12 dBm. Overall,
when considering the device’s wide gain range, low distortion,
wide bandwidth and variable load drive, the device can be used
in many variable gain block applications.
AD8321
POWER-
DOWN/
SWITCH
INTER
ATTENUATOR CORE
INV
DATA SHIFT REGISTER
DATA SHIFT REGISTER
DATA LATCH
PWR
AMP
DATEN CLK
VIN+
VIN–
PD
VOUT
REVERSE
AMP
GND
VCC
SDATA
Figure 22. Functional Block Diagram
The digitally programmable gain is controlled by the three-wire
“SPI” compatible inputs. These inputs are called SDATA
(serial data input port),
DATEN (data enable low input port)
and CLK (clock input port). See Pin Function Descriptions
and Functional Block diagram. The AD8321 is programmed by
an 8-bit “attenuator” word. When a standard 8-bit word is
used, the first data bit MSB will be shifted out of the 7-bit shift
register during the eighth rising CLK edge. The lower seven
bits will then be loaded into the AD8321’s digital decode sec-
tion when the
DATEN input is taken high.
The gain of the AD8321 is linear in steps of 0.7526 dB. The
gain transfer function starts at –27.43 dB (at decimal code 0)
and increases 0.7526 dB/LSB. The gain increases up to decimal
code 71. At this point the gain is at its maximum level of 26 dB.
If a decimal word between 71 and 127 is entered, the gain is no
longer incremented and stays at 26 dB. Since the MSB of an 8-bit
word is a “don’t care” bit, at decimal code 128, the AD8321’s
gain returns to its minimum value. The gain vs. gain control
relationship repeats itself as shown in Figure 23 for the upper
127 codes.
The gain transfer function is as follows:
AV = 26 dB – ((71 – CODE)
× 0.7526 dB) for CODE ≤ 71
AV = 26 dB for 71
≤ CODE ≤ 127
AV = 26 dB + ((199 – CODE) × 0.7526 dB) for 128 ≤
CODE
≤ 199
AV = 26 dB for 199
≤ CODE ≤ 255
where CODE is the decimal equivalent of the 8-bit word loaded in
the AD8321’s data latch (see Figure 23).
GAIN CODE – Decimal
30
20
–30
0
256
10
0
–10
–20
32
224
192
160
128
64
96
Figure 23. Linear-In dB Gain vs. Gain Control
The AD8321 is composed of four analog functions in the
power-up or forward mode. The input amplifier (preamp) which
can be used single-endedly or differentially and provides a maxi-
mum of 12 dB of attenuation. If the input is used in the differ-
ential configuration, it is imperative that the input signals are
180 degrees out of phase and of equal amplitudes. This will
ensure the proper gain accuracy and harmonic performance.
The preamp stage drives a vernier stage that provides the fine
tune gain adjustment. The 0.7526 dB step resolution is imple-
mented in this stage. After the vernier stage, a DAC provides the
bulk of the AD8321’s attenuation (six bits or 36 dB). The signals
in the preamp and vernier gain blocks are differential to im-
prove the PSRR and linearity. A single-ended current is fed
from the DAC into the output stage, which amplifies this cur-
rent to the appropriate level necessary to drive a 75
Ω load. The
output stage utilizes negative feedback to implement a
75
Ω output impedance. This eliminates the need for an exter-
nal 75
Ω matching resistor needed in typical video (or video
filter) termination requirements.


Similar Part No. - AD8321-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321-EVAL AD-AD8321-EVAL Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
More results

Similar Description - AD8321-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8321ARZ AD-AD8321ARZ Datasheet
593Kb / 20P
   Gain Programmable CATV Line DRiver
REV. A
AD8321 AD-AD8321_05 Datasheet
721Kb / 20P
   Gain Programmablea CATV Line Driver
REV. A
AD8326 AD-AD8326 Datasheet
475Kb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
AD8326 AD-AD8326_15 Datasheet
1Mb / 24P
   High Output Power Programmable CATV Line Driver
REV. 0
logo
Texas Instruments
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
[Old version datasheet]   2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
[Old version datasheet]   2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
logo
TriQuint Semiconductor
TGA2803-SM TRIQUINT-TGA2803-SM_15 Datasheet
574Kb / 14P
   CATV TIA Gain Block
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com