Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2225CG223C251 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # ST2225CG223C251
Description  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST2225CG223C251 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  ST2225CG223C251 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST2225CG223C251 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIELECTRIC
NP0
SIZE
1206
RATED VOLTAGE (VDC)
100
200
250
500
630
0.5pF (0R5)
1.0pF (1R0)
1.2pF (1R2)
1.5pF (1R5)
1.8pF (1R8)
2.2pF (2R2)
2.7pF (2R7)
3.3pF (3R3)
3.9pF (3R9)
4.7pF (4R7)
5.6pF (5R6)
6.8pF (6R8)
8.2pF (8R2)
10pF (100)
12pF (120)
15pF (150)
18pF (180)
22pF (220)
27pF (270)
33pF (330)
39pF (390)
47pF (470)
56pF (560)
68pF (680)
82pF (820)
100pF (101)
120pF (121)
150pF (151)
180pF (181)
220pF (221)
270pF (271)
330pF (331)
390pF (391)
470pF (471)
560pF (561)
680pF (681)
820pF (821)
1,000pF (102)
1,200pF (122)
1,500pF (152)
1,800pF (182)
2,200pF (222)
2,700pF (272)
3,300pF (332)
3,900pF (392)
4,700pF (472)
5,600pF (562)
6,800pF (682)
8,200pF (822)
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
CAPACITANCE RANGE
Rev.7


Similar Part No. - ST2225CG223C251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2225A ETC-ST2225A Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
   LED Display Driver
logo
List of Unclassifed Man...
ST2225A-D ETC-ST2225A-D Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-SS3 ETC-ST2225A-SS3 Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
More results

Similar Description - ST2225CG223C251

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com