Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E621 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 908E621_12 Datasheet HTML 32Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 33Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 34Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 35Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 36Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 37Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 38Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 39Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
908E621
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
H0EN — H0 Input 2-pin Hall-effect sensor Enable Bit
This read/write bit enables the 2-pin hall-effect sensor
sense circuitry. Reset clears H0EN bit.
1 = Hall-port H0 is switched on and sensed
0 = Hall-port H0 disabled
H0PD — Hall-port Pull-up Disable Bit
This read/write bit disables the H0 Pull-up resistor. Reset
clears H0PD bit.
1 = Hall-port pull-up resistor on H0 disabled
0 = Hall-port pull-up resistor on H0 enabled
H0MS — H0 Mode Select
These read/write bits select the mode of the H0 input
Reset clears H0MS bit.
1 = H0 is 2-pin hall-sensor input
0 = H0 is general purpose input
Half-bridge Outputs
Outputs HB1:HB4 provide four low-resistive half-bridge
output stages. The half-bridges can be used in H-bridge, high
side or low side configurations.
Reset clears all bits in the H-bridge Output Register
(HBOUT) owing to the fact that all half-bridge outputs are
switched off.
HB1:HB4 output features
• Short-circuit (over-current) protection on high side and
low side MOSFETs
• Current recopy feature (low side MOSFET)
• Over-temperature protection
• Over-voltage and under-voltage protection
• Active clamp on low side MOSFET
Figure 22. Half-bridge Push-Pull Output Driver
Half-bridge Control
Each output MOSFET can be controlled individually. The
general enable of the circuitry is done by setting PSON in the
System Control Register (SYSCTL). The HBx_L and HBx_H
bits form one half-bridge. It is not possible to switch on both
MOSFETs in one half-bridge at the same time. If both bits are
set, the high side MOSFET is in PWM mode.
To avoid both MOSFETs (high side and low side) of one
half-bridge being on at the same time, a break-before-make
circuit exists. Switching the high side MOSFET on is inhibited
as long as the potential between gate and VSS is not below a
certain threshold. Switching the low side MOSFET on is
blocked as long as the potential between gate and source of
the high side MOSFET did not fall below a certain threshold.
High Side Driver
Charge Pump
Over-temperature Protection
Over-current Protection
Low Side Driver
Current Recopy
Current Limitation
Active Clamp
Over-current Protection
Control
On/Off
Status
On/Off
Status
PWM
HBx
VSUP
GND
PWM


Similar Part No. - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com