Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E621 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 908E621_12 Datasheet HTML 42Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 43Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 44Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 45Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 46Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 47Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 48Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 49Page - Freescale Semiconductor, Inc 908E621_12 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Analog Integrated Circuit Device Data
46
Freescale Semiconductor
908E621
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
FACTORY TRIMMING AND CALIBRATION
To enhance the ease-of-use of the 908E621, various
parameters (e.g. ICG trim value) are stored in the flash
memory of the device. The following flash memory locations
are reserved for this purpose and might have a value different
from the “empty” ($FF) state:
• $FD80:$FDDF Trim and Calibration Values
• $FFFE:$FFFF Reset Vector
In the event the application uses these parameters, one
has to take care not to erase or override these values. If these
parameters are not used, these flash locations can be erased
and otherwise used.
Trim Values
The usage of the trim values located in the flash memory
are explained through the following:
Internal Clock Generator (ICG) Trim Value
The internal clock generator (ICG) module is used to
create a stable clock source for the microcontroller without
using any external components. The untrimmed frequency of
the low frequency base clock (IBASE), will vary as much as
±25 percent due to process, temperature, and voltage
dependencies. To compensate these dependencies, an ICG
trim value is located at address $FDC2. After trimming, the
ICG has a typ. range of ±2% (±3% max.), at nominal
conditions (filtered (100nF), stabilized (4.7
μF) VDD = 5.0 V,
TAMBIENT~25 °C), and will vary over temperature and voltage
(VDD) as indicated in the 68HC908EY16 datasheet.
To trim the ICG, this value has to be copied to the ICG Trim
Register ICGTR at address $38 of the MCU.
Important: The value must be copied after every reset.
Watchdog Period Range Value (AWD Trim)
The window watchdog supervises device recovery (e.g.
from code runaways).
The application software has to clear the watchdog within
the open window. Due to the high variation of the watchdog
period, and therefore the reduced width of the watchdog
window, a value is stored at address $FDCF. This value
classifies the watchdog period into 3 ranges (Range 0, 1, 2).
This allows the application software to select one of three
time intervals to clear the watchdog, based on the stored
value. The classification is done, so that the application
software can have up to ±19% variations of the optimal clear
interval (e.g. caused by ICG variation).
Effective Open Window
Having a variation in the watchdog period in conjunction
with a 50% open window, results in an effective open window,
which can be calculated by:
latest window open time: t_open = t_wd max / 2
earliest window closed time: t_closed = t_wd min
Optimal Clear Interval
The optimal clear interval, meaning the clear interval with
the biggest possible variation to latest window open time, and
to the earliest window closed time, can be calculated with the
following formula:
t_opt = t_open + (t_open+t_closed) / 2
See Table 13 to select the optimal clear interval for the
watchdog based on the Window No. and chosen period.
Table 13. Window Clear Interval
Window Range Period Select bits
Watchdog Period t_wd
Effective Open Window
Optimal Clear Interval
$FDCF
WDP1:0
min.
max.
Unit
t_open
t_closed
Unit
t_opt
Unit
max.
variation
0
00
68
92
ms
46
68
ms
57
ms
±19.3%
01
34
46
23
34
28.5
10
17
23
11.5
17
14.25
11
8.5
11.5
5.75
8.5
7.125
1
00
92
124
ms
62
92
ms
77
ms
±19.5%
01
46
62
31
46
38.5
10
23
31
15.5
23
19.25
11
11.5
15.5
7.75
11.5
9.625
2
00
52
68
ms
34
52
ms
43
ms
±20.9%
01
26
34
17
26
21.5
10
13
17
8.5
13
10.75
11
6.5
8.5
4.25
6.5
5.375


Similar Part No. - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com