Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT21S230S_232S Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # AFT21S230S_232S
Description  RF Power LDMOS Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AFT21S230S_232S Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button AFT21S230S_232S Datasheet HTML 3Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 4Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 5Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 6Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 7Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 8Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 9Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 10Page - Freescale Semiconductor, Inc AFT21S230S_232S Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AFT21S230SR3 AFT21S232SR3
7
RF Device Data
Freescale Semiconductor, Inc.
VDD =28 Vdc,IDQ = 1500 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Zload (1)
()
Max
Linear
Gain (dB)
Max Output Power
P1dB
P3dB
(dBm)
(W)
D
(%)
AM/PM
()
(dBm)
(W)
D
(%)
AM/PM
()
2110
1.20 - j6.00
1.20 + j5.90
1.50 - j3.90
17.7
54.3
269
55.4
11
55.2
331
57.0
16
2140
1.70 - j6.40
1.50 + j6.30
1.60 - j4.00
17.7
54.3
269
55.1
10
55.2
331
56.0
15
2170
1.70 - j6.80
1.75 + j6.70
1.50 - j4.00
17.8
54.3
269
54.7
11
55.2
331
56.0
16
(1) Load impedance for optimum P1dB power.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Input Load Pull
Tuner and Test
Circuit
Device
Under
Test
Zsource Zin
Zload
Output Load Pull
Tuner and Test
Circuit
Figure 9. Load Pull Performance — Maximum P1dB Tuning
VDD =28 Vdc,IDQ = 1500 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Zload (1)
()
Max
Linear
Gain (dB)
Max Drain Efficiency
P1dB
P3dB
(dBm)
(W)
D
(%)
AM/PM
()
(dBm)
(W)
D
(%)
AM/PM
()
2110
1.20 - j6.00
1.20 + j5.93
2.10 - j2.41
20.0
52.7
186
64.9
16
54.3
269
66.2
20
2140
1.70 - j6.40
1.40 + j6.30
1.80 - j2.60
19.8
52.8
191
64.2
16
53.4
219
65.4
24
2170
1.70 - j6.80
1.80 + j6.80
1.70 - j2.60
20.0
52.8
191
64.2
17
54.2
263
65.5
22
(1) Load impedance for optimum P1dB efficiency.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Input Load Pull
Tuner and Test
Circuit
Device
Under
Test
Zsource Zin
Zload
Output Load Pull
Tuner and Test
Circuit
Figure 10. Load Pull Performance — Maximum Drain Efficiency Tuning


Similar Part No. - AFT21S230S_232S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT21S230SR3 NXP-AFT21S230SR3 Datasheet
543Kb / 17P
   RF Power LDMOS Transistors
Rev. 3, 3/2014
More results

Similar Description - AFT21S230S_232S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com