Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD835 Datasheet(PDF) 5 Page - Analog Devices

Part # AD835
Description  250 MHz, Voltage Output 4-Quadrant Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835 Datasheet(HTML) 5 Page - Analog Devices

  AD835 Datasheet HTML 1Page - Analog Devices AD835 Datasheet HTML 2Page - Analog Devices AD835 Datasheet HTML 3Page - Analog Devices AD835 Datasheet HTML 4Page - Analog Devices AD835 Datasheet HTML 5Page - Analog Devices AD835 Datasheet HTML 6Page - Analog Devices AD835 Datasheet HTML 7Page - Analog Devices AD835 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD835
REV. A
–5–
Figure 16. Fixed IF vs. LO Frequency on Y Channel
Figure 12. Harmonic Distortion at 100 MHz, 10 dBm Input
to X or Y Channel, R
L = 150 Ω, CL ≤ 5 pF
Figure 15. Fixed LO on Y Channel vs. RF Frequency
Input to X Channel
50MHz
100MHz
150MHz
10dB/DIV
15
–15
–10
0
5
10
–5
125
–35
–55
45
25
5
–15
105
85
65
TEMPERATURE –
°C
OUTPUT VOS DRIFT, NORMALIZED TO 0 AT 25°C
OUTPUT OFFSET DRIFT WILL
TYPICALLY BE WITHIN SHADED AREA
Figure 14. V
OS Output Drift vs. Temperature
Figure 11. Harmonic Distortion at 50 MHz, 10 dBm Input
to X or Y Channel, R
L = 150 Ω, CL ≤ 5 pF
100MHz
200MHz
300MHz
10dB/DIV
1V
10ns
+2.5V
GND
–2.5V
Figure 13. Maximum Output Voltage Swing, R
L = 50 Ω,
C
L ≤ 5 pF
35
0
15
5
10
20
25
30
200
20
0
180
160
80
60
40
140
120
100
LO FREQUENCY ON Y CH – MHz
X CH = 6dBm
Y CH = 10dBm
RL = 100Ω
35
0
15
5
10
20
25
30
200
20
0
180
160
80
60
40
140
120
100
RF FREQUENCY INPUT X CHANNEL – MHz
X CH = 6dBm
Y CH = 10dBm
RL = 100Ω


Similar Part No. - AD835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835 AD-AD835 Datasheet
237Kb / 16P
   250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350-EVAL AD-AD8350-EVAL Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
More results

Similar Description - AD835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD835ARZ AD-AD835ARZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835 AD-AD835_15 Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output, 4-Quadrant Multiplier
REV. D
AD835ANZ AD-AD835ANZ Datasheet
237Kb / 16P
   250 MHz, Voltage Output,4-Quadrant Multiplier
Rev. D
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com