Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8350AR15-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8350AR15-REEL7
Description  Low Distortion 1.0 GHz Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8350AR15-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8350AR15-REEL7 Datasheet HTML 3Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 4Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 5Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 6Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 7Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 8Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 9Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 10Page - Analog Devices AD8350AR15-REEL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
REV. 0
AD8350
–10–
Table I. Typical S Parameters AD8350-15: VCC = 5 V, Differential Input Signal.
ZSOURCE(diff) = 50
, ZLOAD(diff) = 50
Frequency
(MHz)
S11
S12
S21
S22
50
0.791
∠ –3°
0.068
∠ 177°
2.73
∠ –3°
0.795
∠ –2°
100
0.787
∠ –6°
0.071
∠ 174°
2.79
∠ –7°
0.794
∠ –5°
150
0.778
∠ –9°
0.070
∠ 172°
2.91
∠ –11°
0.787
∠ –7°
200
0.766
∠ –13°
0.072
∠ 168°
3.06
∠ –16°
0.779
∠ –10°
250
0.749
∠ –17°
0.074
∠ 165°
3.24
∠ –21°
0.768
∠ –12°
Table II. Typical S Parameters AD8350-20: VCC = 5 V, Differential Input Signal.
ZSOURCE(diff) = 50
, ZLOAD(diff) = 50
Frequency
(MHz)
S11
S12
S21
S22
50
0.810
∠ –4°
0.046
∠ 176°
4.82
∠ –2.5°
0.822
∠ –3°
100
0.795
∠ –8°
0.043
∠ 173°
4.99
∠ –6.16°
0.809
∠ –5°
150
0.790
∠ –12°
0.045
∠ 169°
5.30
∠ –9.82°
0.807
∠ –8°
200
0.776
∠ –17°
0.046
∠ 165°
5.71
∠ –14.89° 0.795 ∠ –10°
250
0.757
∠ –22°
0.048
∠ 162°
6.25
∠ –21.29° 0.783 ∠ –13°
Table III. Typical S Parameters AD8350-15: VCC = 5 V, Single-Ended Input Signal.
ZSOURCE(diff) = 50
, ZLOAD(diff) = 50
Frequency
(MHz)
S11
S12
S21
S22
50
0.718
∠ –6°
0.068
∠ 177°
2.62
∠ –4°
0.798
∠ –3°
100
0.701
∠ –12°
0.066
∠ 173°
2.66
∠ –10°
0.794
∠ –6°
150
0.683
∠ –19°
0.067
∠ 167°
2.76
∠ –15°
0.789
∠ –10°
200
0.657
∠ –24°
0.069
∠ 163°
2.86
∠ –22°
0.776
∠ –13°
250
0.625
∠ –31°
0.070
∠ 159°
2.98
∠ –28°
0.763
∠ –16°
Table IV. Typical S Parameters AD8350-20: VCC = 5 V, Single-Ended Input Signal.
ZSOURCE(diff) = 50
, ZLOAD(diff) = 50
Frequency
(MHz)
S11
S12
S21
S22
50
0.747
∠ –7°
0.040
∠ 175°
4.71
∠ –4°
0.814
∠ –3°
100
0.739
∠ –14°
0.042
∠ 170°
4.82
∠ –9°
0.813
∠ –6°
150
0.728
∠ –21°
0.044
∠ 166°
5.08
∠ –15°
0.804
∠ –10°
200
0.698
∠ –29°
0.045
∠ 161°
5.37
∠ –22°
0.792
∠ –13°
250
0.659
∠ –37°
0.048
∠ 156°
5.76
∠ –30°
0.774
∠ –16°


Similar Part No. - AD8350AR15-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350AR15-REEL7 AD-AD8350AR15-REEL7 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
More results

Similar Description - AD8350AR15-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
   Low Distortion 1.2 GHz Differential Driver
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com