Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21BB31C475KA87 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # GRM21BB31C475KA87
Description  600mA Synchronous DC-DC Step Down Regulator (1ch) 300mA LDO Regulator (4ch) Multi Power Supply (High Efficiency Power LSI)
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM21BB31C475KA87 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button GRM21BB31C475KA87 Datasheet HTML 2Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 3Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 4Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 5Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 6Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 7Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 8Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 9Page - Panasonic Semiconductor GRM21BB31C475KA87 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
AN30183A
Ver. AEB
V
VDVDD
× 0.7
Voltage recognized as high level
VIH2
High input voltage
V
VDVDD
× 0.3
Voltage recognized as low level
VIL2
Low input voltage
I/O characteristics of control terminal (ASEL)
M
Ω
6
3
1
PDR1
Input pull-down resistance
V
1.2
Voltage recognized as high level
VIH1
High input voltage
V
0.45
Voltage recognized as low level
VIL1
Low input voltage
I/O characteristics of control terminal (RESET, LDO1ON, REGCNT)
MHz
4
3
2
IDCDC1 = – 300 mA (CCM)
ISTDCDC1
Oscillation frequency
mV
13
4
DDVBAT1 = 3.1 V
→ 4.5 V
IDCDC1 = – 300 mA
Vout = 1.2 V setting
VDCDC1LR
Line regulation
mV
45
25
Δ IDCDC1 = – 10 μA → – 500 mA
Vout = 1.2 V setting
DVDCDC1
Load regulation
DCDC1 (DC-DC Step Down Regulator)
mA
600
IDCDC1
Output current
V
1.230
1.200
1.170
IDCDC1 = – 300 mA
Vout = 1.2 V setting
VDCDC1
Output voltage
Limits
Typ
Unit
Max
Notes
Min
Conditions
Symbol
Parameter
ELECRTRICAL CHARACTERISTICS (Continued)
VVBAT(DDVBAT1= VB = VIN2) = 3.7V, DVDD = 1.85V
DC-DC : Co = 4.7 µF, Lo = 1 µH / LDO : Co =1.0 µF
Ta = 25 °C ± 2 °C unless otherwise noted.


Similar Part No. - GRM21BB31C475KA87

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21BB31C106KE15 MURATA-GRM21BB31C106KE15 Datasheet
780Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21BB31C106ME15 MURATA-GRM21BB31C106ME15 Datasheet
780Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GRM21BB31C225KA12 MURATA1-GRM21BB31C225KA12 Datasheet
779Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21BB31C225KA12K MURATA1-GRM21BB31C225KA12K Datasheet
779Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21BB31C225KA12L MURATA1-GRM21BB31C225KA12L Datasheet
779Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM21BB31C475KA87

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30182A PANASONIC-AN30182A Datasheet
803Kb / 44P
   600mA Synchronous DC-DC Step Down Regulator (2ch) 300mA LDO Regulator (6ch) Multi Power Supply (High Efficiency Power LSI)
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Linear Technology
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
   Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com