Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D476K016AT Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # T491D476K016AT
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T491D476K016AT Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button T491D476K016AT Datasheet HTML 4Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 5Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 6Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 7Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 8Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 9Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 10Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 11Page - Freescale Semiconductor, Inc T491D476K016AT Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RF Device Data
Freescale Semiconductor
MRF6S23140HR3 MRF6S23140HSR3
W-CDMA TEST SIGNAL
10
0.0001
100
0
PEAK−TO−AVERAGE (dB)
Figure 13. CCDF W-CDMA 3GPP, Test Model 1,
64 DPCH, 67% Clipping, Single-Carrier Test Signal
10
1
0.1
0.01
0.001
24
68
W−CDMA. ACPR Measured in 3.84 MHz Channel
Bandwidth @
±5 MHz Offset. IM3 Measured in
3.84 MHz Bandwidth @
±10 MHz Offset. PAR =
8.5 dB @ 0.01% Probability on CCDF
Figure 14. 2-Carrier W-CDMA Spectrum
f, FREQUENCY (MHz)
3.84 MHz
Channel BW
−IM3 in
3.84 MHz BW
+IM3 in
3.84 MHz BW
−ACPR in
3.84 MHz BW
+ACPR in
3.84 MHz BW
+20
+30
0
−10
−40
−50
−60
−70
−80
−20
20
515
10
0
−5
−10
−15
−20
−25
25
−30


Similar Part No. - T491D476K016AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
T491D476K016AT FREESCALE-T491D476K016AT Datasheet
492Kb / 11P
   RF Power Field Effect Transistor
logo
Kemet Corporation
T491D476K016AT KEMET-T491D476K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
logo
NXP Semiconductors
T491D476K016AT NXP-T491D476K016AT Datasheet
653Kb / 10P
   RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
T491D476K016AT NXP-T491D476K016AT Datasheet
807Kb / 15P
   RF Power Field Effect Transistors
Rev. 2, 3/2011
More results

Similar Description - T491D476K016AT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com