Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPSERIES Datasheet(PDF) 3 Page - AVX Corporation

Part # TCPSERIES
Description  TCP Series Low ESR Tantalum Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCPSERIES Datasheet(HTML) 3 Page - AVX Corporation

  TCPSERIES Datasheet HTML 1Page - AVX Corporation TCPSERIES Datasheet HTML 2Page - AVX Corporation TCPSERIES Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
24
TCP Series
TCP Series Low ESR Tantalum Modules
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
2-STACK
Parametric Specifications by Rating
Typical Ripple Data by Rating
Cap
Volt
ESR @
DC Leakage (max) μA
Disspation Factor (max) %
100kHz Ripple Current Rating
100kHz Ripple Voltage Rating
AVX P/N
Case
μF
V
100 kHz
AA
A
V
V
V
+25°C mΩ
+25°C
+85°C
+125°C
+25°C
+(85/125)°C
-55°C
+25°C
+85°C
+125°C
+25°C
+85°C
+125°C
TC2H 667
*006L#D^00++
2H
660
6
50
39.6
396
495
10
12
12
2.4
2.2
1.0
0.12
0.11
0.05
TC2H 447
*010L#D^00++
2H
440
10
50
44
440
550
10
12
12
2.4
2.2
1.0
0.12
0.11
0.05
TC2H 207
*015L#D^00++
2H
200
15
63
30
300
375
10
12
12
2.2
2.0
0.9
0.14
0.12
0.05
TC2H 946
*020L#D^00++
2H
94
20
75
18.8
188
235
8
10
10
2.0
1.8
0.8
0.15
0.14
0.06
TC2H 666
*025L#D^00++
2H
66
25
85
16.5
165
206
8
10
10
1.9
1.7
0.8
0.16
0.14
0.06
TC2H 206
*035L#D^00++
2H
20
35
200
7
70
88
8
10
10
1.2
1.1
0.5
0.24
0.22
0.10
TC2H 945
*050L#D^00++
2H
9.4
50
200
4.7
47
59
6
8
8
1.2
1.1
0.5
0.24
0.22
0.10
4-STACK
Parametric Specifications by Rating
Typical Ripple Data by Rating
Cap
Volt
ESR @
DC Leakage (max) μA
Disspation Factor (max) %
100kHz Ripple Current Rating
100kHz Ripple Voltage Rating
AVX P/N
Case
μF
V
100 kHz
AA
A
V
V
V
+25°C mΩ
+25°C
+85°C
+125°C
+25°C
+(85/125)°C
-55°C
+25°C
+85°C
+125°C
+25°C
+85°C
+125°C
TC4H 138
*006L#D^00++
4H
1320
6
25
79.2
792
990
10
12
12
4.2
3.8
1.7
0.11
0.10
0.04
TC4H 887
*010L#D^00++
4H
880
10
25
88
880
1100
10
12
12
4.2
3.8
1.7
0.11
0.10
0.04
TC4H 407
*015L#D^00++
4H
400
15
31
60
600
750
10
12
12
3.8
3.4
1.5
0.12
0.11
0.05
TC4H 197
*020L#D^00++
4H
188
20
38
37.6
376
470
8
10
10
3.5
3.2
1.4
0.13
0.12
0.05
TC4H 137
*025L#D^00++
4H
132
25
43
33
330
413
8
10
10
3.2
2.9
1.3
0.14
0.13
0.06
TC4H 406
*035L#D^00++
4H
40
35
100
14
140
175
8
10
10
2.1
1.9
0.8
0.21
0.19
0.08
TC4H 196
*050L#D^00++
4H
18.8
50
100
9.4
94
118
6
8
8
2.1
1.9
0.8
0.21
0.19
0.08
6-STACK
Parametric Specifications by Rating
Typical Ripple Data by Rating
Cap
Volt
ESR @
DC Leakage (max) μA
Disspation Factor (max) %
100kHz Ripple Current Rating
100kHz Ripple Voltage Rating
AVX P/N
Case
μF
V
100 kHz
AA
A
V
V
V
+25°C mΩ
+25°C
+85°C
+125°C
+25°C
+(85/125)°C
-55°C
+25°C
+85°C
+125°C
+25°C
+85°C
+125°C
TC6H 208
*006L#D^00++
6H
1980
6
17
118.8
1188
1485
10
12
12
5.9
5.3
2.4
0.10
0.09
0.04
TC6H 138
*010L#D^00++
6H
1320
10
17
132
1320
1650
10
12
12
5.9
5.3
2.4
0.10
0.09
0.04
TC6H 607
*015L#D^00++
6H
600
15
21
90
900
1125
10
12
12
5.2
4.7
2.1
0.11
0.10
0.04
TC6H 287
*020L#D^00++
6H
282
20
25
56.4
564
705
8
10
10
4.8
4.3
1.9
0.12
0.11
0.05
TC6H 207
*025L#D^00++
6H
198
25
28
49.5
495
619
8
10
10
4.5
4.1
1.8
0.13
0.11
0.05
TC6H 606
*035L#D^00++
6H
60
35
67
21
210
263
8
10
10
2.9
2.6
1.2
0.19
0.17
0.08
TC6H 286
*050L#D^00++
6H
28.2
50
67
14.1
141
176
6
8
8
2.9
2.6
1.2
0.19
0.17
0.08
RATINGS & PART NUMBER REFERENCE


Similar Part No. - TCPSERIES

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TCP COOPER-TCP Datasheet
172Kb / 4P
   TCP1.25A,Telecom Circuit Protector
logo
TECHNOLOGY ASSISTANCE B...
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-12-34 TECHNOLOGY-TCP-12-34 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TCP-12-50 TECHNOLOGY-TCP-12-50 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TCP-12-66 TECHNOLOGY-TCP-12-66 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
More results

Similar Description - TCPSERIES

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCP-SERIES AVX-TCP-SERIES Datasheet
166Kb / 3P
   TCP Series Low ESR Tantalum Modules
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
logo
NIC-Components Corp.
NTCL NIC-NTCL Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
AVX Corporation
TPM AVX-TPM Datasheet
358Kb / 5P
   Tantalum Ultra Low ESR Capacitor
TPME476K035H0055 AVX-TPME476K035H0055 Datasheet
100Kb / 3P
   Tantalum Ultra Low ESR Capacitor
logo
NIC-Components Corp.
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com