Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D106K035AT Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # T491D106K035AT
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T491D106K035AT Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button T491D106K035AT Datasheet HTML 2Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 3Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 4Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 5Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 6Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 7Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 8Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 9Page - Freescale Semiconductor, Inc T491D106K035AT Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6V2300NR1 MRF6V2300NBR1
TYPICAL CHARACTERISTICS
Figure 10. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) CW
VDD =20 V
25 V
400
14
28
0
200
50
18
16
100
150
24
22
26
IDQ = 900 mA
f = 220 MHz
35 V
40 V
50 V
20
250
300
350
45 V
35
35
60
10
25_C
TC =--30_C
85_C
25
15
50
45
40
Pin, INPUT POWER (dBm)
Figure 11. Power Output versus Power Input
VDD =50 Vdc
IDQ = 900 mA
f = 220 MHz
20
30
55
22
29
5
10
80
10
28
26
24
70
60
50
40
30
20
Pout, OUTPUT POWER (WATTS) CW
Figure 12. Power Gain and Drain Efficiency
versus CW Output Power
ηD
27
25
23
100
600
25_C
TC =--30_C
85_C
85_C
--32
--28
--29
--30
--31
--33
240
160
IMD3
Gps
f, FREQUENCY (MHz)
Figure 13. VHF Broadcast Broadband Performance
230
220
210
200
190
180
170
25
24
15
65
55
45
40
30
20
22
20
18
16
15
23
21
19
17
60
50
35
25
ηD
VDD =50 V,Pout = 300 W (Peak)
IDQ = 1100 mA, Tone--Spacing = 100 kHz
Gps
VDD =50 Vdc
IDQ = 900 mA
f = 220 MHz
25_C
--30_C
30 V


Similar Part No. - T491D106K035AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
T491D106K035AT FREESCALE-T491D106K035AT Datasheet
574Kb / 15P
   RF Power Field Effect Transistor
T491D106K035AT FREESCALE-T491D106K035AT Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
T491D106K035AT FREESCALE-T491D106K035AT Datasheet
1Mb / 18P
   RF Power Field--Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
T491D106K035AT FREESCALE-T491D106K035AT Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
T491D106K035AT FREESCALE-T491D106K035AT Datasheet
1Mb / 19P
   RF Power Field Effect Transistors
More results

Similar Description - T491D106K035AT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com