Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8572 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8572
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8572 Datasheet(HTML) 3 Page - Analog Devices

  AD8572 Datasheet HTML 1Page - Analog Devices AD8572 Datasheet HTML 2Page - Analog Devices AD8572 Datasheet HTML 3Page - Analog Devices AD8572 Datasheet HTML 4Page - Analog Devices AD8572 Datasheet HTML 5Page - Analog Devices AD8572 Datasheet HTML 6Page - Analog Devices AD8572 Datasheet HTML 7Page - Analog Devices AD8572 Datasheet HTML 8Page - Analog Devices AD8572 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
–3–
REV. 0
AD8571/AD8572/AD8574
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
15
µV
–40
°C ≤ T
A
≤ +125°C10
µV
Input Bias Current
IB
10
50
pA
–40
°C ≤ T
A
≤ +125°C
1.0
1.5
nA
Input Offset Current
IOS
10
50
pA
–40
°C ≤ T
A
≤ +125°C
150
200
pA
Input Voltage Range
0
2.7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.7 V
115
130
dB
–40
°C ≤ T
A
≤ +125°C
110
130
dB
Large Signal Voltage Gain
1
AVO
RL = 10 k
Ω , V
O = 0.3 V to 2.4 V
110
140
dB
–40
°C ≤ T
A
≤ +125°C
105
130
dB
Offset Voltage Drift
∆V
OS/
∆T
–40
°C ≤ T
A
≤ +125°C
0.005 0.04
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 k
Ω to GND
2.685
2.697
V
–40
°C to +125°C
2.685
2.696
V
RL = 10 k
Ω to GND
2.67
2.68
V
–40
°C to +125°C
2.67
2.675
V
Output Voltage Low
VOL
RL = 100 k
Ω to V+
1
10
mV
–40
°C to +125°C2
10
mV
RL = 10 k
Ω to V+
10
20
mV
–40
°C to +125°C15
20
mV
Short Circuit Limit
ISC
±10
±15
mA
–40
°C to +125°C
±10
mA
Output Current
IO
±10
mA
–40
°C to +125°C
±5mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
120
130
dB
–40
°C ≤ T
A ≤ +125°C
115
130
dB
Supply Current/Amplifier
ISY
VO = 0 V
750
900
µA
–40
°C ≤ T
A ≤ +125°C
950
1,000
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 k
0.5
V/
µs
Overload Recovery Time
0.05
ms
Gain Bandwidth Product
GBP
1
MHz
NOISE PERFORMANCE
Voltage Noise
en p–p
0 Hz to 10 Hz
2.0
µV p–p
Voltage Noise Density
en
f = 1 kHz
94
nV/
√Hz
Current Noise Density
in
f = 10 Hz
2
fA/
√Hz
NOTE
1Gain testing is highly dependent upon test bandwidth.
Specifications subject to change without notice.
(VS = 2.7 V, VCM = 1.35 V, VO = 1.35 V, TA = 25 C unless otherwise noted)


Similar Part No. - AD8572

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8572 AD-AD8572 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572 AD-AD8572 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8572AR AD-AD8572AR Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8572AR AD-AD8572AR Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8572AR AD-AD8572AR Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results

Similar Description - AD8572

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com