Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXR2245 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LCXR2245
Description  74LCXR2245 Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXR2245 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCXR2245_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCXR2245_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCXR2245 Rev. 1.2.0
March 2008
74LCXR2245
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs
and Outputs and 26
Ω Series Resistors on Both A and B Ports
Features
5V tolerant inputs and outputs
2.3V–3.6V VCC specifications provided
8.0ns tPD max. (VCC = 3.3V), 10µA ICC max.
Power down high impedance inputs and outputs
Supports live insertion/withdrawal(1)
±12mA output drive (VCC = 3.0V)
Latch-up performance exceeds 500mA
Equivalent 26
Ω series resistor on all outputs
ESD performance:
– Human body model
> 2000V
– Machine model
> 200V
Note:
1. To ensure the high-impedance state during power up
or down, OE should be tied to VCC through a pull-up
resistor: the minimum value or the resistor is
determined by the current-sourcing capability of the
driver.
General Description
The LCXR2245 contains eight non-inverting bidirectional
buffers with 3-STATE outputs and is intended for bus ori-
ented applications. The device is designed for low volt-
age (2.5V and 3.3V) VCC applications with capability of
interfacing to a 5V signal environment. The T/R input
determines the direction of data flow through the device.
The OE input disables both the A and B ports by placing
them in a high impedance state. The 26
Ω series resistor
helps reduce output overshoot and undershoot.
The LCXR2245 is fabricated with an advanced CMOS
technology to achieve high speed operation while main-
taining CMOS low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LCXR2245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCXR2245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCXR2245MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCXR2245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
Implements proprietary noise/EMI reduction circuitry


Similar Part No. - 74LCXR2245_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXR2245 FAIRCHILD-74LCXR2245_05 Datasheet
121Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors on Both A and B Ports
More results

Similar Description - 74LCXR2245_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com