Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA01S60-3M2 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PA01S60-3M2
Description  RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PA01S60-3M2 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PA01S60-3M2 Datasheet HTML 1Page - PowerDynamics, Inc PA01S60-3M2 Datasheet HTML 2Page - PowerDynamics, Inc PA01S60-3M2 Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PA Series
MECHANICAL DIMENSIONS
FEATURES
General purpose, Low cost filter with IEC connector providing
effective equipment protection of line-to-ground noise up to
15 Amp, 250VAC. The compact design filter with low
leakage current is well suited for applications that require
strict emission standards. These filters are also available for
Medical application and offer extremely low leakage
current to comply with various industry standards.
A bleeder resistor can be added to prevent excessive volt-
ages from developing across the filter capacitors when there
is no load.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 1A, 2A, 3A, 6A, 10A, 15A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
@ 115VAC 60Hz: 2µA*
@ 250VAC 50Hz: 5µA*
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
(Unit: mm)
* Medical application
50.1
30.3
22.5
G
G
40.0
2X 3.3
13.9
32.8
20.2
24.4
36.3
39.8
40.0
30.5
2X 3.5
4X R4.5
SUGGESTED PANEL CUTOUT
(MOUNTING FROM FRONT)
21.8
41.3
28.4
2
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PA01S60-3M2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA01S DELTA-PA01S Datasheet
199Kb / 3P
   PA01S series 1W DC/DC Converter, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
199Kb / 3P
   PA01S series 1W DC/DC Converter, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA01S0303A DELTA-PA01S0303A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
More results

Similar Description - PA01S60-3M2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PASP POWERDYNAMICS-PASP Datasheet
469Kb / 3P
   RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
   16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
PD-42R51-1122 POWERDYNAMICS-PD-42R51-1122 Datasheet
33Kb / 1P
   MINIATURE IEC 60320 C8 APPL. INLET; FLANGE MOUNT, SOLDER TERMINALS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com