Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN54015 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN54015
Description  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54015 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN54015 Datasheet HTML 3Page - Fairchild Semiconductor FAN54015 Datasheet HTML 4Page - Fairchild Semiconductor FAN54015 Datasheet HTML 5Page - Fairchild Semiconductor FAN54015 Datasheet HTML 6Page - Fairchild Semiconductor FAN54015 Datasheet HTML 7Page - Fairchild Semiconductor FAN54015 Datasheet HTML 8Page - Fairchild Semiconductor FAN54015 Datasheet HTML 9Page - Fairchild Semiconductor FAN54015 Datasheet HTML 10Page - Fairchild Semiconductor FAN54015 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54015 • Rev. 1.0.0
7
Electrical Specifications
Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA;
VBUS=5.0 V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA, OTG=0 or 1.8 V; and typical values are for TJ=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VBUS Load Resistance
RVBUS
VBUS to PGND Resistance
Normal Operation
1500
k
Charger Validation
100
Protection and Timers
VBUSOVP
VBUS Over-Voltage Shutdown
VBUS Rising
6.09
6.29
6.49
V
Hysteresis
VBUS Falling
100
mV
ILIMPK(CHG)
Q1 Cycle-by-Cycle Peak Current
Limit
Charge Mode
2.3
A
VSHORT
Battery Short-Circuit Threshold
VBAT Rising
1.95
2.00
2.05
V
Hysteresis
VBAT Falling
100
mV
ISHORT
Linear Charging Current
VBAT < VSHORT
20
30
40
mA
TSHUTDWN
Thermal Shutdown Threshold
(6)
TJ Rising
145
°C
Hysteresis
(6)
TJ Falling
10
TCF
Thermal Regulation Threshold
(6)
Charge Current Reduction Begins
120
°C
tINT
Detection Interval
2.1
s
t32S
32-Second Timer
(7)
Charger Enabled
20.5
25.2
28.0
s
Charger Disabled
18.0
25.2
34.0
t15MIN
15-Minute Timer
15-Minute Mode
12.0
13.5
15.0
min
∆tLF
Low-Frequency Timer Accuracy
Charger Inactive
–25
25
%
Notes:
4.
Negative current is current flowing from the battery to VBUS (discharging the battery).
5.
Q2 always turns on for 60 ns, then turns off if current is below ISYNC.
6.
Guaranteed by design; not tested in production.
7.
This tolerance (%) applies to all timers on the IC, including soft-start and deglitching timers.


Similar Part No. - FAN54015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
FAN54015BUCX ONSEMI-FAN54015BUCX Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015UCX FAIRCHILD-FAN54015UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015UCX ONSEMI-FAN54015UCX Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
More results

Similar Description - FAN54015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com