Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN54014UCX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN54014UCX
Description  FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54014UCX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN54014UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 11Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 12Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 13Page - Fairchild Semiconductor FAN54014UCX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.4
10
I
2C Timing Specifications
Guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tFDA
SDA Fall Time
Standard Mode
20+0.1CB
300
ns
Fast Mode
20+0.1CB
300
High-Speed Mode, CB < 100 pF
10
80
High-Speed Mode, CB < 400 pF
20
160
tSU;STO
Stop Condition Setup Time
Standard Mode
4
s
Fast Mode
600
ns
High-Speed Mode
160
ns
CB
Capacitive Load for SDA, SCL
400
pF
Timing Diagrams
Figure 5. I
2C Interface Timing for Fast and Slow Modes
Figure 6. I
2C Interface Timing for High-Speed Mode
START
REPEATED
START
SCL
SDA
t
F
t
HD;STA
t
LOW
t
R
t
HD;DAT
t
HIGH
T
SU;DAT
t
SU;STA
t
HD;STO
t
BUF
START
STOP
t
HD;STA
REPEATED
START
SCLH
SDAH
t
FDA
t
LOW
t
RCL1
t
HD;DAT
t
HIGH
t
SU;STO
REPEATED
START
t
RDA
t
FCL
t
SU;DAT
t
RCL
STOP
= MCS Current Source Pull-up
= R
P Resistor Pull-up
note A
Note A: First rising edge of SCLH after Repeated Start and after each ACK bit.
t
HD;STA
t
SU;STA


Similar Part No. - FAN54014UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54014UCX FAIRCHILD-FAN54014UCX Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com