Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8608 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8608
Description  Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8608 Datasheet(HTML) 3 Page - Analog Devices

  AD8608 Datasheet HTML 1Page - Analog Devices AD8608 Datasheet HTML 2Page - Analog Devices AD8608 Datasheet HTML 3Page - Analog Devices AD8608 Datasheet HTML 4Page - Analog Devices AD8608 Datasheet HTML 5Page - Analog Devices AD8608 Datasheet HTML 6Page - Analog Devices AD8608 Datasheet HTML 7Page - Analog Devices AD8608 Datasheet HTML 8Page - Analog Devices AD8608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8605/AD8606/AD8608
Rev. D | Page 3 of 20
5 V ELECTRICAL SPECIFICATIONS
Table 1. @ VS = 5 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
AD8605/AD8606
VS = 3.5 V, VCM = 3 V
20
65
µV
AD8608
VS = 3.5 V, VCM = 2.7 V
20
75
µV
VS = 5 V, VCM = 0 V to 5 V
80
300
µV
−40°C < TA < +125°C
750
µV
Input Bias Current
IB
0.2
1
pA
AD8605/AD8606
−40°C < TA < +85°C
50
pA
AD8605/AD8606
−40°C < TA < +125°C
250
pA
AD8608
−40°C < TA < +85°C
100
pA
AD8608
−40°C < TA < +125°C
300
pA
Input Offset Current
IOS
0.1
0.5
pA
−40°C < TA < +85°C
20
pA
−40°C < TA < +125°C
75
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
85
100
dB
−40°C < TA < +125°C
75
90
dB
Large Signal Voltage Gain
AVO
VO = 0.5 V to 4.5 V
300
1,000
V/mV
RL = 2 kΩ, VCM = 0 V
Offset Voltage Drift
AD8605/AD8606
∆VOS/∆T
1
4.5
µV/°C
AD8608
∆VOS/∆T
1.5
6.0
µV/°C
INPUT CAPACITANCE
Common-Mode Input Capacitance
8.8
pF
Differential Input Capacitance
2.59
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
4.96
4.98
V
IL = 10 mA
4.7
4.79
V
−40°C < TA < +125°C
4.6
V
Output Voltage Low
VOL
IL = 1 mA
20
40
mV
IL= 10 mA
170
210
mV
−40°C < TA < +125°C
290
mV
Output Current
IOUT
±80
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = 1
10
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
AD8605/AD8606
VS = 2.7 V to 5.5 V
80
95
dB
AD8608
VS = 2.7 V to 5.5 V
77
92
dB
−40°C < TA < +125°C
70
90
dB
Supply Current/Amplifier
ISY
VO = 0 V
1
1.2
mA
−40°C < TA < +125°C
1.4
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
5
V/µs
Settling Time
tS
To 0.01%, 0 V to 2 V step
< 1
µs
Full Power Bandwidth
BWP
< 1% distortion
360
kHz
Gain Bandwidth Product
GBP
10
MHz
Phase Margin
ϕO
65
Degrees


Similar Part No. - AD8608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8608 AD-AD8608 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8608 AD-AD8608 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8608 AD-AD8608 Datasheet
376Kb / 8P
   EVALUATION AND DESIGN SUPPORT
AD8608AR AD-AD8608AR Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8608AR-REEL AD-AD8608AR-REEL Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results

Similar Description - AD8608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com