Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD2572_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD2572_F085
Description  N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD2572_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD2572_F085_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 6Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 7Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 8Page - Fairchild Semiconductor FDD2572_F085_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FDD2572_F085 Rev.A
4
www.fairchildsemi.com
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
1
10
100
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
10ms
1ms
DC
100
µs
0.1
1
10
100
0.001
0.01
0.1
1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
10
20
30
40
50
60
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
0
10
20
30
40
50
60
01
2345
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 5V
TC = 25
oC
VGS = 7V
VGS = 10V
40
50
55
60
010
20
30
45
ID, DRAIN CURRENT (A)
VGS = 6V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
0.5
1.0
1.5
2.0
2.5
3.0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID =9A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX


Similar Part No. - FDD2572_F085_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
More results

Similar Description - FDD2572_F085_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP2572 FAIRCHILD-FDP2572_12 Datasheet
368Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
Fairchild Semiconductor
FDB2572 FAIRCHILD-FDB2572 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDB2552-F085 FAIRCHILD-FDB2552-F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDPF770N15A FAIRCHILD-FDPF770N15A Datasheet
222Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150V, 10A, 77m廓
FDP075N15A FAIRCHILD-FDP075N15A Datasheet
315Kb / 10P
   N-Channel PowerTrench짰 MOSFET 150V, 130A, 7.5m廓
FDP2552 FAIRCHILD-FDP2552_12 Datasheet
357Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2552_F085 FAIRCHILD-FDB2552_F085 Datasheet
422Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 37A, 36m廓
FDB2532 FAIRCHILD-FDB2532_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 79A, 16m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com