Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8870_F085 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD8870_F085
Description  N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8870_F085 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD8870_F085_13 Datasheet HTML 1Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 2Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 3Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 4Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 5Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 6Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 7Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 8Page - Fairchild Semiconductor FDD8870_F085_13 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2013 Fairchild Semiconductor Corporation
FDD8870_F085 / FDU8870_F085 Rev. C1
FDD8870_F085 / FDU8870_F085
N-Channel PowerTrench® MOSFET
30V, 160A, 3.9m
Ω
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either
synchronous
or
conventional
switching
PWM
controllers. It has been optimized for low gate charge, low
rDS(ON) and fast switching speed.
Applications
• DC/DC converters
Features
•rDS(ON) = 3.9mΩ, VGS = 10V, ID = 35A
•rDS(ON) = 4.4mΩ, VGS = 4.5V, ID = 35A
• High performance trench technology for extremely low
rDS(ON)
• Low gate charge
• High power and current handling capability
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
160
A
Continuous (TC = 25
oC, V
GS = 10V) (Note 1)
Continuous (TC = 25
oC, V
GS = 4.5V) (Note 1)
150
A
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 52
oC/W)
21
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 2)
690
mJ
PD
Power dissipation
160
W
Derate above 25oC1.07
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252, TO-251
0.94
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, TO-251
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
52
oC/W
D
G
S
G DS
I-PAK
(TO-251AA)
G
S
D
TO-252
D-PAK
(TO-252)
Jan 2013
• Qualified to AEC Q101
• RoHS Compliant


Similar Part No. - FDD8870_F085_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD8870-F085 ONSEMI-FDD8870-F085 Datasheet
511Kb / 11P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
More results

Similar Description - FDD8870_F085_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8870 FAIRCHILD-FDB8870_10 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDB039N06 FAIRCHILD-FDB039N06_12 Datasheet
271Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDS8876 FAIRCHILD-FDS8876_07 Datasheet
605Kb / 12P
   N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com