Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8644 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8644
Description  Single and Quad 18 V Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8644 Datasheet(HTML) 2 Page - Analog Devices

  AD8644 Datasheet HTML 1Page - Analog Devices AD8644 Datasheet HTML 2Page - Analog Devices AD8644 Datasheet HTML 3Page - Analog Devices AD8644 Datasheet HTML 4Page - Analog Devices AD8644 Datasheet HTML 5Page - Analog Devices AD8644 Datasheet HTML 6Page - Analog Devices AD8644 Datasheet HTML 7Page - Analog Devices AD8644 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
AD8614/AD8644–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1.0
2.5
mV
–20
°C ≤ T
A
≤ +85°C3
mV
Input Bias Current
IB
80
400
nA
–20
°C ≤ T
A
≤ +85°C
500
nA
Input Offset Current
IOS
5
100
nA
–20
°C ≤ T
A
≤ +85°C
200
nA
Input Voltage Range
0VS
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to VS
60
75
dB
Voltage Gain
AVO
VOUT = 0.5 V to VS –0.5 V, RL = 10 k
10
150
V/mV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = 10 mA
VS –0.15
V
Output Voltage Low
VOL
ILOAD = 10 mA
65
150
mV
Output Short Circuit Current
ISC
35
70
mA
–20
°C ≤ T
A
≤ +85°C30
mA
POWER SUPPLY
PSRR
PSRR
VS =
±2.25 V to ±9.25 V
80
110
dB
Supply Current / Amplifier
Isy
0.8
1.1
mA
–20
°C ≤ T
A
≤ +85°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
CL = 200 pF
7.5
V/
µs
Gain Bandwidth Product
GBP
5.5
MHz
Phase Margin
Φo
65
Degrees
Settling Time
tS
0.01%, 10 V Step
3
µs
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
12
nV/
√Hz
en
f = 10 kHz
11
nV/
√Hz
Current Noise Density
in
f = 10 kHz
1
pA/
√Hz
NOTE
All typical values are for VS = 18 V.
Specifications subject to change without notice.
(5 V
V
S
18 V, V
CM = VS/2, TA = 25 C unless otherwise noted)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8614/AD8644 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –20
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Package Type
JA
1
JC
Unit
5-Lead SOT-23 (RT)
230
140
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
14-Lead SOIC (R)
120
56
°C/W
NOTE
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
onto a circuit board for surface mount packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8614ART1
–20
°C to +85°C 5-Lead SOT-23 RT-5
AD8644ARU2
–20
°C to +85°C 14-Lead TSSOP RU-14
AD8644AR2
–20
°C to +85°C 14-Lead SOIC
R-14
NOTES
1Available in 3,000 or 10,000 piece reels.
2Available in 2,500 piece reels only.


Similar Part No. - AD8644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8644 AD-AD8644 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644AR AD-AD8644AR Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644AR AD-AD8644AR Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8644AR-REEL AD-AD8644AR-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8644AR-REEL AD-AD8644AR-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
More results

Similar Description - AD8644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614ARTZ AD-AD8614ARTZ Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com