Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8631 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8631
Description  1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8631 Datasheet(HTML) 1 Page - Analog Devices

  AD8631 Datasheet HTML 1Page - Analog Devices AD8631 Datasheet HTML 2Page - Analog Devices AD8631 Datasheet HTML 3Page - Analog Devices AD8631 Datasheet HTML 4Page - Analog Devices AD8631 Datasheet HTML 5Page - Analog Devices AD8631 Datasheet HTML 6Page - Analog Devices AD8631 Datasheet HTML 7Page - Analog Devices AD8631 Datasheet HTML 8Page - Analog Devices AD8631 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8631/AD8632
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
1.8 V, 5 MHz Rail-to-Rail
Low Power Operational Amplifiers
PIN CONFIGURATIONS
5-Lead SOT-23
(RT Suffix)
1
2
3
5
4 –IN A
+IN A
V+
OUT A
AD8631
V–
8-Lead SOIC
(R Suffix)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
AD8632
18
27
36
45
8-Lead
SOIC
(RM Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
1
4
5
8
AD8632
OUT A
FEATURES
Single Supply Operation: 1.8 V to 6 V
Space-Saving SOT-23,
SOIC Packaging
Wide Bandwidth: 5 MHz @ 5 V, 4 MHz @ 1.8 V
Low Offset Voltage: 4 mV Max, 0.8 mV typ
Rail-to-Rail Input and Output Swing
2 V/ s Slew Rate @ 1.8 V
Only 225
A Supply Current @ 1.8 V
APPLICATIONS
Portable Communications
Portable Phones
Sensor Interface
Active Filters
PCMCIA Cards
ASIC Input Drivers
Wearable Computers
Battery-Powered Devices
New Generation Phones
Personal Digital Assistants
GENERAL DESCRIPTION
The AD8631 brings precision and bandwidth to the SOT-23-5
package at single supply voltages as low as 1.8 V and low supply
current. The small package makes it possible to place the AD8631
next to sensors, reducing external noise pickup.
The AD8631 and AD8632 are rail-to-rail input and output bipolar
amplifiers with a gain bandwidth of 4 MHz and typical voltage
offset of 0.8 mV from a 1.8 V supply. The low supply current and
the low supply voltage makes these parts ideal for battery-powered
applications. The 3 V/
µs slew rate makes the AD8631/AD8632 a
good match for driving ASIC inputs, such as voice codecs.
The AD8631/AD8632 is specified over the extended industrial
(–40 C to +125 C) temperature range. The AD8631 single is
available in 5-lead SOT-23 surface-mount packages. The dual
AD8632 is available in 8-lead SOIC and
µSOIC packages.


Similar Part No. - AD8631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8631 AD-AD8631 Datasheet
159Kb / 12P
   1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
Guangdong Youtai Semico...
AD8631 UMW-AD8631 Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
   1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
Guangdong Youtai Semico...
AD8631ARTZ UMW-AD8631ARTZ Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results

Similar Description - AD8631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
   1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
   Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
   8 MHz Rail-to-Rail Operational Amplifiers
REV. C
OP162 AD-OP162_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP262 AD-OP262_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
OP462 AD-OP462_15 Datasheet
471Kb / 20P
   15 MHz Rail-to-Rail Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com