Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM20Q-5M-DC3 Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PEM20Q-5M-DC3
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEM20Q-5M-DC3 Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PEM20Q-5M-DC3 Datasheet HTML 1Page - PowerDynamics, Inc PEM20Q-5M-DC3 Datasheet HTML 2Page - PowerDynamics, Inc PEM20Q-5M-DC3 Datasheet HTML 3Page - PowerDynamics, Inc PEM20Q-5M-DC3 Datasheet HTML 4Page - PowerDynamics, Inc PEM20Q-5M-DC3 Datasheet HTML 5Page - PowerDynamics, Inc PEM20Q-5M-DC3 Datasheet HTML 6Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Medical Applications
Non-Medical Applications
SCHEMATIC 3; CASE C1, C2, C3
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
SCHEMATIC 3M; CASE C1, C2, C3
PDI
P/N
PEM03Q-3M-DC1
PEM06Q-3M-DC2
PEM10Q-3M-DC2
PEM03Q-3M-DC3
PDI
P/N
PEM03Q-3-DC1
PEM06Q-3-DC2
PEM10Q-3-DC2
PEM03Q-3-DC3
R
Cx 1, 2
Cy
L1
L2
(Ohms)
(uF)
(pF)
(uH x 2) (mH x 2)
30
1.0
330K
0.22
4700
70
1.7
40
1.2
30
1.0
R
Cx 1, 2
L1
L2
(Ohms)
(uF)
(uH x 2)
(mH x 2)
30
1.0
330K
0.22
70
1.7
40
1.2
30
1.0
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
21 30 37 53 55 37
6 50 72 68 56 32
25 32 39 55 56 35 24 61 83 70 68 33
25 36 45 55 55 39 14 26 39 63 61 35
21 30 37 54 59 41
7 50 71 66 56 31
PDI
P/N
PEM03Q-3-DC1
PEM06Q-3-DC2
PEM10Q-3-DC2
PEM03Q-3-DC3
PDI
P/N
PEM03Q-3M-DC1
PEM06Q-3M-DC2
PEM10Q-3M-DC2
PEM03Q-3M-DC3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
23 27 29 30 29 25
4 51 72 75 63 39
25 29 30 32 31 25 20 58 79 74 62 35
24 32 33 32 30 23 10 54 76 74 62 35
23 28 32 34 30 25
4 51 75 78 64 39
PEM Series
L mH
L mH
L2
C1
G
L uH
L uH
L
N
R
L1
C2
L'
N'
Cy
Cy
L mH
L mH
L2
C1
G
L uH
L uH
L
N
R
L1
C2
L'
N'
Medical Applications
Non-Medical Applications
SCHEMATIC 2; CASE C2
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
70 98 81 64 60 47 43 77 87 63 51 33
R
Cx 1 ,2
Cy
L1, 2
(Ohms)
(uF)
(pF)
(mH x 2)
2.2M
0.33
3300
10
PDI
P/N
PEM03Q-2-CC2
R
Cx 1 ,2
L1, 2
(Ohms)
(uF)
(mH x 2)
2.2M
0.33
10
PDI
P/N
PEM03Q-2M-CC2
PDI
P/N
PEM03Q-2M-CC2
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
43 47 49 37 35 33 46 84 87 63 51 35
SCHEMATIC 2M; CASE C2
PDI
P/N
PEM03Q-2-CC2
C2
G
L mH
L mH
L
N
L
R
L'
N'
Cy
Cy
C1
L mH
L mH
L2
1
C2
G
L mH
L mH
L
N
L
R
L'
N'
C1
L mH
L mH
L2
1
Component Table
Medical Applications
Component Table
Non-Medical Applications
Component Table
Medical Applications
Component Table
Non-Medical Applications
Replace “Q” with PS for screw terminals
Replace “Q” with PS for screw terminals
Current
Rating (A)
3
Current
Rating (A)
3
Current
Rating (A)
3
6
10
3
Current
Rating (A)
3
6
10
3
41
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PEM20Q-5M-DC3

ManufacturerPart #DatasheetDescription
logo
CUI INC
PEM2-D CUI-PEM2-D Datasheet
619Kb / 6P
   DC-DC CONVERTER
PEM2-D CUI-PEM2-D Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/12/2021
PEM2-D CUI-PEM2-D_V01 Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/12/2021
PEM2-S CUI-PEM2-S Datasheet
563Kb / 6P
   DC-DC CONVERTER
PEM2-S CUI-PEM2-S Datasheet
1Mb / 6P
   DC-DC CONVERTER
07/13/2021
More results

Similar Description - PEM20Q-5M-DC3

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com