Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD872ASD Datasheet(PDF) 5 Page - Analog Devices

Part # AD872ASD
Description  Complete 12-Bit 10 MSPS Monolithic A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD872ASD Datasheet(HTML) 5 Page - Analog Devices

  AD872ASD Datasheet HTML 1Page - Analog Devices AD872ASD Datasheet HTML 2Page - Analog Devices AD872ASD Datasheet HTML 3Page - Analog Devices AD872ASD Datasheet HTML 4Page - Analog Devices AD872ASD Datasheet HTML 5Page - Analog Devices AD872ASD Datasheet HTML 6Page - Analog Devices AD872ASD Datasheet HTML 7Page - Analog Devices AD872ASD Datasheet HTML 8Page - Analog Devices AD872ASD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. A
–5–
AD872A
7
17
8
9
10
11
12
13
14
15
16
1
640
44
41
42
43
2
3
4
5
29
39
30
31
32
33
34
35
36
37
38
18
28
19
20
21
22
23
24
25
26
27
AD872A
TOP VIEW
(NOT TO SCALE)
OTR
MSB
AVDD
AGND
DGND
CLK
BIT 12 (LSB)
AGND
DRGND
DVDD
BIT 11
DRVDD
DRVDD
DRGND
OEN
NC
NC
NC
NC
NC
NC
NC
NC = NO CONNECT
PIN DESCRIPTION
DIP
LCC
Symbol
Pin No.
Pin No.
Type
Name and Function
VINA
1
1
AI
(+) Analog Input Signal on the differential input amplifier.
VINB
2
2
AI
(–) Analog Input Signal on the differential input amplifier.
AVSS
3, 25
5, 40
P
–5 V Analog Supply.
AVDD
4
6, 38
P
+5 V Analog Supply.
AGND
5, 24
9, 36
P
Analog Ground.
DGND
6, 23
10
P
Digital Ground.
DVDD
7, 22
33
P
+5 V Digital Supply.
BIT 12 (LSB)
8
16
DO
Least Significant Bit.
BIT 2–BIT 11
18–9
26–17
DO
Data Bits 2 through 11.
MSB
19
29
DO
Inverted Most Significant Bit. Provides twos complement output
data format.
OTR
20
30
DO
Out of Range is Active HIGH on the leading edge of Code 0 or the
trailing edge of Code 4096. See Output Data Format Table III.
CLK
21
31
DI
Clock Input. The AD872A will initiate a conversion on the rising
edge of the clock input. See the Timing Diagram for details.
REF OUT
26
41
AO
+2.5 V Reference Output. Tie to REF IN for normal operation.
REF GND
27
42
AI
Reference Ground.
REF IN
28
43
AI
Reference Input. +2.5 V input gives
±1 V full-scale range.
DRVDD
N/A
12, 32
P
+5 V Digital Supply for the output drivers.
NC
N/A
3, 4, 7, 8, 14, 15,
No Connect.
28, 35, 37, 39, 44
DRGND
N/A
11, 34
P
Digital Ground for the output drivers. (See section on Power Supply
Decoupling for details on DRVDD and DRGND.)
OEN
N/A
13
DI
Output Enable. See the Three State Output Timing Diagram for details.
BIT 1
N/A
27
DO
Most Significant Bit.
TYPE: AI = Analog Input; AO = Analog Output; DI = Digital Input; DO = Digital Output; P = Power; N/A = Not Available on 28-lead DIP. Only available on
44-terminal surface mount package.
PIN CONFIGURATIONS
28-Lead Ceramic DIP
44-Terminal LCC
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD872A
VINA
AVSS
REF OUT
REF GND
REF IN
VINB
AVSS
AVDD
DVDD
DGND
AGND
AGND
DGND
DVDD
BIT 12 (LSB)
BIT 11
BIT 10
MSB
OTR
CLK
BIT 9
BIT 8
BIT 7
BIT 6
BIT 2
BIT 5
BIT 4
BIT 3


Similar Part No. - AD872ASD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results

Similar Description - AD872ASD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com