Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOC2401 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOC2401
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2401 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOC2401 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2401 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2401 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2401 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2401 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOC2401
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
-0.6
-0.93
-1.3
V
34
41
TJ=125°C
47.5
58
37
47
m
44
58
m
gFS
12
S
VSD
-0.68
-1
V
Ciss
1327
pF
Coss
158
pF
Crss
102
pF
Rg
15.5
Qg(10V)
28
40
nC
Qg(4.5V)
13.5
19
nC
Qgs
2
nC
Qgd
4
nC
tD(on)
7
ns
tr
5
ns
tD(off)
190
ns
tf
62
ns
trr
15
ns
Qrr
5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=-2.5V, ID=-1A
Total Gate Charge
Body Diode Reverse Recovery Charge IF=-1.5A, dI/dt=100A/µs
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=-10V, VDS=-15V, ID=-1.5A
Gate Source Charge
Gate Drain Charge
VGS=-10V, VDS=-15V, RL=10Ω,
RGEN=3Ω
Gate resistance
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
IS=-1A,VGS=0V
VDS=-5V, ID=-1.5A
VGS=-4.5V, ID=-1A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
VGS=-10V, ID=-1.5A
Reverse Transfer Capacitance
IF=-1.5A, dI/dt=100A/µs
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
VDS=VGS ID=-250µA
VDS=0V, VGS=±12V
Rev 0: Oct. 2012
www.aosmd.com
Page 2 of 5


Similar Part No. - AOC2401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2403 AOSMD-AOC2403 Datasheet
214Kb / 4P
   20V P-Channel MOSFET
More results

Similar Description - AOC2401

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com