Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8842 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8842
Description  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8842 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8842 Datasheet HTML 4Page - Analog Devices AD8842 Datasheet HTML 5Page - Analog Devices AD8842 Datasheet HTML 6Page - Analog Devices AD8842 Datasheet HTML 7Page - Analog Devices AD8842 Datasheet HTML 8Page - Analog Devices AD8842 Datasheet HTML 9Page - Analog Devices AD8842 Datasheet HTML 10Page - Analog Devices AD8842 Datasheet HTML 11Page - Analog Devices AD8842 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8842
REV. 0
–9–
CIRCUIT OPERATION
The AD8842 is a general purpose 8-channel ac or dc signal-
level adjustment device designed to replace potentiometers used
in the three-terminal connection mode. Eight independent
channels of programmable signal level control are available in
this 24-pin package device. The outputs are completely buffered
providing up to 3 mA of output drive-current to drive external
loads. The functional equivalent DAC and amplifier combina-
tion shown in Figure 27 produces four-quadrant multiplication
of the signal inputs applied to VIN times the digital input control
word. In addition the AD8842 provides a 50 kHz full power
bandwidth in each four-quadrant multiplying channel. Operat-
ing from plus and minus 5 V power supplies, analog inputs and
outputs of
±3 V are easily accommodated.
Figure 27. Functional Equivalent Circuit to the AD8842
Results in a 4-Quadrant Multiplying Channel
In order to simplify use with a controlling microprocessor a
PCB space saving three-wire serial data interface was chosen.
This interface can be easily adapted to almost all microcom-
puter and microprocessor systems. A clock (CLK), serial data
input (SDI) and a load (LD) strobe pins make up the three-wire
interface. The 12-bit input data word used to change the value
of the internal DAC registers contains a 4-bit address and 8-bits
of data. Using this word combination any DAC register can be
changed at a given time without disturbing the other channels.
A serial data output SDO pin simplifies cascading multiple
AD8842s without adding address decoder chips to the system.
During system power up a logic low on the preset PR pin forces
all DAC registers to 80H which in turn forces all the buffer am-
plifier outputs to zero volts. This asynchronous input pin PR
can be activated at any time to force the DAC registers to the
half-scale code 80H. This is generally the most convenient place
to start general purpose adjustment procedures.
Achieving 4-Quadrant Multiplying with a Current Conveyor
Amplifier
The traditional current output CMOS digital-to-analog con-
verter requires two amplifiers to perform the current-to-voltage
translation and the half-scale offset to achieve four-quadrant
multiplying capability. The circuit shown in Figure 28 shows
one such traditional connection.
Figure 28. One Traditional Technique to Achieve Four-
Quadrant Multiplying with a Complementary Current
Output DAC
A single new current conveyor amplifier design emulates ampli-
fiers A1 and A2 shown in Figure 28. Figure 29 shows the con-
nection and equations that define this new circuit that achieves
four-quadrant multiplication with only one amplifier.
Figure 29. Current Conveyor Amplifier
Using the equations given in Figure 29 one can calculate the
final output equation as follows:
V
O = –1 –
D
256


×
V
IN
R
 × R –
–D
256
×
V
IN
R
 × R
D
256
–1


V
IN +
D
256
×V
IN
= 2D
256
–1


V
IN
= D
128
–1


V
IN
V
IN
CURRENT CONVEYOR
AMPLIFIER
I
1
I
2
(1- D)
256
D
256
V
REF
R
REF
R
R
V
OUT
= V
IN
(D/128–1)
V
REF
R
V
OUT X
4
2
0
–4
–2
0
–2
24
–4
VIN – Volts
VOUT = VIN (D/128 – 1), WHERE D = 0 TO 255
D = FFH
D = C0H
D = 80H
D = 40H
D = 00H
AD8842 INPUT-OUTPUT VOLTAGE RANGE
VDAC
VOUT
VIN
RR
VDAC = D/256 × VIN
VOUT = 2 × VDAC – VIN
= 2 (D/256)
× V
IN – VIN
= (D/128 – 1)
× V
IN
R/2
A1
R
A2
R/2
CURRENT OUT
DAC
REF
GND
I1
I2
VIN
VO


Similar Part No. - AD8842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8842 AD-AD8842 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Similar Description - AD8842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com