Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8842AN Datasheet(PDF) 4 Page - Analog Devices

Part # AD8842AN
Description  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8842AN Datasheet(HTML) 4 Page - Analog Devices

  AD8842AN Datasheet HTML 1Page - Analog Devices AD8842AN Datasheet HTML 2Page - Analog Devices AD8842AN Datasheet HTML 3Page - Analog Devices AD8842AN Datasheet HTML 4Page - Analog Devices AD8842AN Datasheet HTML 5Page - Analog Devices AD8842AN Datasheet HTML 6Page - Analog Devices AD8842AN Datasheet HTML 7Page - Analog Devices AD8842AN Datasheet HTML 8Page - Analog Devices AD8842AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
AD8842
PIN DESCRIPTION
Pin
Mnemonic
Description
1VOUTC
DAC C Output
2VOUTB
DAC B Output
3VOUTA
DAC A Output
4VINB
DAC B Reference Input
5VINA
DAC A Reference Input
6
GND
Ground
7
PR
Preset Input, active low, all DAC
registers = 80H
8VINE
DAC E Reference Input
9VINF
DAC F Reference Input
10
VOUTE
DAC E Output
11
VOUTF
DAC F Output
12
VOUTG
DAC G Output
13
VOUTH
DAC H Output
14
VING
DAC G Reference Input
15
VINH
DAC H Reference Input
16
LD
Load DAC Register Strobe, active-
high input that transfers the data
bits from the serial-input register
into the decoded DAC register.
SDI and CLK inputs are disabled
when LD is high. See Tables I and II
17
CLK
Serial Clock Input, positive edge
triggered
18
SDO
Serial Data Output, active totem
pole output
19
VSS
Negative 5 V Power Supply
20
SDI
Serial Data Input
21
VDD
Positive 5 V Power Supply
22
VIND
DAC D Reference Input
23
VINC
DAC C Reference Input
24
VOUTD
DAC D Output
PIN CONFIGURATION
VOUTC
VOUTB
VOUTD
VINC
VINB
GND
PR
SDI
VSS
SDO
VOUTA
VINA
VIND
VDD
VINE
CLK
VINF
LD
VOUTE
VINH
VOUTF
VING
VOUTG
VINH
14
1
2
24
23
5
6
7
20
19
18
3
4
22
21
817
916
10
15
11
TOP VIEW
(Not to Scale)
11
12
13
AD8842


Similar Part No. - AD8842AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

Similar Description - AD8842AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com