Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148W Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N4148W
Description  High Speed Switching Diode 400mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148W Datasheet(HTML) 2 Page - Micro Commercial Components

  1N4148W_13 Datasheet HTML 1Page - Micro Commercial Components 1N4148W_13 Datasheet HTML 2Page - Micro Commercial Components 1N4148W_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4148W
MCC
www.mccsemi.com
0
100
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Power Derating Curve
A
TM
Micro Commercial Components
Revision: B
2013/01/01
2 of 3


Similar Part No. - 1N4148W_13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 22 - 2
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
331Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
340Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
TAITRON Components Inco...
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
   Two Terminals SMD Switching Diodes
More results

Similar Description - 1N4148W_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
   High Speed Switching Diode 400mW
BAS316 MCC-BAS316_13 Datasheet
422Kb / 4P
   High Speed Switching Diode 400mW
BAS316 MCC-BAS316 Datasheet
400Kb / 4P
   High Speed Switching Diode 400mW
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
   400mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com