Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD425 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOD425
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD425 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOD425_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD425_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD425_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD425_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD425_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD425_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AOD425
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
10
20
30
40
50
60
70
0
1
2
3
4
5
V
DS (Volts)
Figure 1: On-Region Characteristics
V
GS=-4V
-5V
-4.5V
-10V
0
5
10
15
20
25
2
2.5
3
3.5
4
4.5
5
V
GS(Volts)
Figure 2: Transfer Characteristics
0.0
10.0
20.0
30.0
40.0
0
5
10
15
20
25
V
GS=-10V
0.8
1
1.2
1.4
1.6
1.8
0
50
100
150
200
V
GS=-5V
25°C
125°C
V
DS=-5V
V
GS=-5V
I
D=-20A
V
GS=-10V
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
TC=100°C
TA=25°C
-55 to 175
0
10
20
30
40
50
60
70
0
1
2
3
4
5
V
DS (Volts)
Figure 1: On-Region Characteristics
V
GS=-4V
-5V
-4.5V
-10V
0
5
10
15
20
25
2
2.5
3
3.5
4
4.5
5
V
GS(Volts)
Figure 2: Transfer Characteristics
0.0
10.0
20.0
30.0
40.0
0
5
10
15
20
25
I
D (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
V
GS=-10V
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
V
SD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
V
GS=-5V
0
10
20
30
40
50
0
5
10
15
20
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
V
DS=-5V
V
GS=-5V
I
D=-20A
25°C
125°C
I
D=-20A
V
GS=-10V
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD425_11

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOD425A VBSEMI-AOD425A Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AOD425_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com