Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30060CT Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # MBR30060CT
Description  Silicon Schottky Diode, 300A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR30060CT Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  MBR30060CT Datasheet HTML 1Page - Naina Semiconductor ltd. MBR30060CT Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
MBR30045CT thru
MBR300100CTR
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
ALL DIMENSIONS IN MM
Ordering Table
MBR
300
45
CT
1
2
3
4
1 – Device Type
>
MBR = Schottky Barrier Diode Module
2 – Current Rating = IF(AV)
3 – Voltage = VRRM
4 – Polarity
>
CT = Normal (Cathode to Base)
>
CTR = Reverse (Anode to Base)


Similar Part No. - MBR30060CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30060CT MCC-MBR30060CT Datasheet
132Kb / 3P
   300 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
MBR30060CT MICROSEMI-MBR30060CT Datasheet
123Kb / 2P
   Schottky PowerMod
logo
America Semiconductor, ...
MBR30060CT AMERICASEMI-MBR30060CT Datasheet
450Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR30060CT GENESIC-MBR30060CT Datasheet
724Kb / 3P
   Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBR30060CTR AMERICASEMI-MBR30060CTR Datasheet
450Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
More results

Similar Description - MBR30060CT

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
MBR30020CT NAINA-MBR30020CT Datasheet
136Kb / 2P
   Silicon Schottky Diode, 300A
logo
Fairchild Semiconductor
PCRKA30065F8 FAIRCHILD-PCRKA30065F8 Datasheet
206Kb / 4P
   650V / 300A Extremefast Diode
logo
MacMic
MMD300S160U MACMIC-MMD300S160U Datasheet
198Kb / 3P
   300A Rectifier Diode Module
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Naina Semiconductor ltd...
MUR30005CT NAINA-MUR30005CT Datasheet
139Kb / 2P
   Super Fast Recovery Diode, 300A
MUR30040CT NAINA-MUR30040CT Datasheet
139Kb / 2P
   Super Fast Recovery Diode, 300A
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com