Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD484 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD484
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD484 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD484_09 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD484_09 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD484_09 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD484_09 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD484_09 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD484_09 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
17
25
55
60
RθJC
2.3
3
W
TA=70°C
1.3
Power Dissipation
A
TA=25°C
PDSM
2.1
Repetitive avalanche energy L=0.3mH
C
33
A
mJ
Junction and Storage Temperature Range
A
PD
°C
50
25
-55 to 175
TC=100°C
Avalanche Current
C
15
ID
25
20
80
Pulsed Drain Current
C
Power Dissipation
B
TC=25°C
Continuous Drain
Current
G
Maximum
Units
Parameter
TC=25°C
TC=100°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AOD484
30V N-Channel MOSFET
Features
VDS (V) = 30V
ID = 25 A (VGS = 10V)
RDS(ON) < 15 mΩ (VGS = 10V)
RDS(ON) < 23 mΩ (VGS = 4.5V)
100% UIS Tested
100% Rg Tested
General Description
The AOD484 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate
charge. This device is suitable for use in PWM, load
switching and general purpose applications.
G
D
S
TO252
DPAK
Top View
Bottom View
G
S
D
G
S
D
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD484_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD484 AOSMD-AOD484 Datasheet
144Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD484 ISC-AOD484 Datasheet
250Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD484 VBSEMI-AOD484 Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AOD484_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com