Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4734 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1N4734
Description  Small current low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N4734 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N4734 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N4734 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N4734 Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. 1N4734 Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. 1N4734 Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1N4727 THRU 1N4764
特性:
◆ 小电流下的齐纳阻抗低
◆ 高可靠性
◆ 耐焊接热 250℃ / 10S,
机械性能:
◆ 封
装: 玻璃封装
◆端
子:电镀可焊性符合 MIL-STD-202E, 方法 208C
◆ 极
性:色环表示阴极
◆ 安装位置:任意
最大额定值及特性
( 测量环境温度 25℃,除非另有规定 ).
参 数 名 称
符 号
数 值
单 位
齐纳电流
IZ MAX
见表
mA
耗散功率@TL=75℃ ( 注释 1 )
Pt
1.0
W
最大正向压降@IF=200mA
VF
1.5
V
热阻抗 ( 结至周围环境 ,注释 1)
Rθ(ja)
32
℃/W
使用及储存温度范围
TJ
,TSTG
-55~+200
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - 1N4734

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4734 SURGE-1N4734 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4734 JINANJINGHENG-1N4734 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
1N4734 DGNJDZ-1N4734 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4734 SEMTECH-1N4734 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4734 SSC-1N4734 Datasheet
173Kb / 3P
   Zener Diodes
More results

Similar Description - 1N4734

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
3EZ100D5 YANGJIE-3EZ100D5 Datasheet
221Kb / 3P
   Low Zener Impedance under small current
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
   Low zener impedance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com